Moteur de recherche de fiches techniques de composants électroniques |
|
SI5315A-C-GM Fiches technique(PDF) 8 Page - Silicon Laboratories |
|
SI5315A-C-GM Fiches technique(HTML) 8 Page - Silicon Laboratories |
8 / 54 page Si5315 8 Rev. 1.0 Table 3. AC Characteristics (VDD = 1.8 ±5%, 2.5 ±10%, or 3.3 V ±10%, TA = –40 to 85 ºC) Parameter Symbol Test Condition Min Typ Max Units Input Frequency CKNF 0.008 — 644.53 MHz CKINn Input Pins Input Duty Cycle (Minimum Pulse Width) CKNDC Whichever is smaller1 40 — 60 % 2— — ns Input Capacitance CKNCIN —— 3 pF Input Rise/Fall Time CKNTRF 20–80% See Figure 2 —— 11 ns CKOUTn Output Pins Output Frequency (Output not configured for CMOS or disable) CKOF Note 2 0.008 — 644.53 MHz Note 3 0.008 — 125 MHz Maximum Output Frequency in CMOS Format CKOFMC — — 161.13 MHz Output Rise/Fall (20–80%) at 644.5313 MHz CKOTRF Output not configured for CMOS or disabled, see Figure 2 — 230 350 ps Single Ended Output Rise/Fall (20–80%) CKOTRF CMOS Output VDD = 1.62 Cload = 5 pF —— 8 ns CMOS Output VDD = 2.97 Cload = 5 pF —— 2 ns Output Duty Cycle Differential Uncertainty CKODC 100 Load Line to Line Measured at 50% Point (not for CMOS) —— ±40 ps LVCMOS Pins Input Capacitance Cin —— 3 pF Notes: 1. Assumes N3 does not equal 1. IF N3 = 1, CKNDC = 50 µs. 2. Refers to Si5315A speed grade. 3. Refers to Si5315B speed grade. |
Numéro de pièce similaire - SI5315A-C-GM |
|
Description similaire - SI5315A-C-GM |