Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5315 Fiches technique(PDF) 8 Page - Silicon Laboratories

No de pièce SI5315
Description  Provides jitter attenuation and frequency translation between SONET/PDH and Ethemet
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5315 Fiches technique(HTML) 8 Page - Silicon Laboratories

Back Button SI5315 Datasheet HTML 4Page - Silicon Laboratories SI5315 Datasheet HTML 5Page - Silicon Laboratories SI5315 Datasheet HTML 6Page - Silicon Laboratories SI5315 Datasheet HTML 7Page - Silicon Laboratories SI5315 Datasheet HTML 8Page - Silicon Laboratories SI5315 Datasheet HTML 9Page - Silicon Laboratories SI5315 Datasheet HTML 10Page - Silicon Laboratories SI5315 Datasheet HTML 11Page - Silicon Laboratories SI5315 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Si5315
8
Rev. 1.0
Table 3. AC Characteristics
(VDD = 1.8 ±5%, 2.5 ±10%, or 3.3 V ±10%, TA = –40 to 85 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Input Frequency
CKNF
0.008
644.53
MHz
CKINn Input Pins
Input Duty Cycle (Minimum
Pulse Width)
CKNDC
Whichever is smaller1
40
60
%
2—
ns
Input Capacitance
CKNCIN
——
3
pF
Input Rise/Fall Time
CKNTRF
20–80%
See Figure 2
——
11
ns
CKOUTn Output Pins
Output Frequency (Output not
configured for CMOS or disable)
CKOF
Note 2
0.008
644.53
MHz
Note 3
0.008
125
MHz
Maximum Output Frequency in
CMOS Format
CKOFMC
161.13
MHz
Output Rise/Fall (20–80%) at
644.5313 MHz
CKOTRF Output not configured for CMOS
or disabled, see Figure 2
230
350
ps
Single Ended Output Rise/Fall
(20–80%)
CKOTRF
CMOS Output
VDD = 1.62
Cload = 5 pF
——
8
ns
CMOS Output
VDD = 2.97
Cload = 5 pF
——
2
ns
Output Duty Cycle Differential
Uncertainty
CKODC
100
 Load
Line to Line
Measured at 50% Point
(not for CMOS)
——
±40
ps
LVCMOS Pins
Input Capacitance
Cin
——
3
pF
Notes:
1. Assumes N3 does not equal 1. IF N3 = 1, CKNDC = 50 µs.
2. Refers to Si5315A speed grade.
3. Refers to Si5315B speed grade.


Numéro de pièce similaire - SI5315

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
Si5315 SILABS-Si5315 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5315 SKYWORKS-SI5315 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5315 SKYWORKS-SI5315 Datasheet
1Mb / 54P
   SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER
Rev. 1.0
logo
AUK corp
SI5315-C AUK-SI5315-C Datasheet
83Kb / 3P
   IRED
SI5315-C AUK-SI5315-C Datasheet
183Kb / 4P
   IRED
More results

Description similaire - SI5315

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
IDT8V19N486-02I IDT-IDT8V19N486-02I Datasheet
234Kb / 3P
   Jitter attenuation and frequency multiplication
logo
NIHON DEMPA KOGYO
NW50M50LA NDK-NW50M50LA Datasheet
87Kb / 1P
   Frequency Timing and Translation Modules
logo
Micrel Semiconductor
SM844256 MICREL-SM844256 Datasheet
246Kb / 8P
   10 Gigabit Ethernet and SONET, 6 Output, Ultra-Low Jitter LVDS Frequency Synthesizer
SM843256 MICREL-SM843256 Datasheet
238Kb / 8P
   10 Gigabit Ethernet and SONET, 6 output, Ultra-Low Jitter LVPECL Frequency Synthesizer
logo
Abracon Corporation
ASTMUPLD ABRACON-ASTMUPLD Datasheet
2Mb / 6P
   Any frequency between 1MHz and 625MHz
05/15/2017
logo
Zarlink Semiconductor I...
ZL30106 ZARLINK-ZL30106_05 Datasheet
1Mb / 48P
   SONET/SDH/PDH Network Interface DPLL
ZL30106 ZARLINK-ZL30106 Datasheet
423Kb / 48P
   SONET/SDH/PDH Network Interface DPLL
logo
Diodes Incorporated
DMN61D8LVTQ DIODES-DMN61D8LVTQ Datasheet
350Kb / 7P
   Provides a reliable and robust interface between sensitive logic and DC relay coils
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_2 Datasheet
1Mb / 159P
   SONET TO 28-T1/21-E1 PDH MAPPER - VOYAGER PIN AND ARCHITECTURE DESC
logo
Zilog, Inc.
Z84C2006VEC ZILOG-Z84C2006VEC Datasheet
1Mb / 16P
   Provides a direct interface between Z80 microcomputer systems and peripheral devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com