Moteur de recherche de fiches techniques de composants électroniques |
|
SI8602AC-B-IS Fiches technique(PDF) 4 Page - Silicon Laboratories |
|
SI8602AC-B-IS Fiches technique(HTML) 4 Page - Silicon Laboratories |
4 / 40 page 4 Rev. 1.2 Si860x 1. Electrical Specifications Table 1. Recommended Operating Conditions Parameter Symbol Test Condition Min Typ Max Unit Ambient Operating Temperature* TA –40 25 125* °C Supply Voltage AVDD 3.0 — 5.5 V BVDD 3.0 — 5.5 V *Note: The maximum ambient temperature is dependent on data frequency, output loading, number of operating channels, and supply voltage. Table 2. Si860x Power Characteristics* 3.0 V < VDD < 5.5 V. TA = –40 to +125 °C. Typical specs at 25 °C (See Figures 2 and 9 for test diagrams.) Parameter Symbol Test Condition Min Typ Max Unit Si8600 Supply Current AVDD Current BVDD Current Idda Iddb All channels = 0 dc — — 5.4 4.3 7.6 6.5 mA mA AVDD Current BVDD Current Idda Iddb All channels = 1 dc — — 2.6 1.9 3.9 2.9 mA mA AVDD Current BVDD Current Idda Iddb All channels = 1.7 MHz — — 3.3 2.6 5.0 3.9 mA mA Si8602 Supply Current AVDD Current BVDD Current Idda Iddb All channels = 0 dc — — 1.8 1.8 2.7 2.7 mA mA AVDD Current BVDD Current Idda Iddb All channels = 1 dc — — 4.7 3.1 7.1 4.7 mA mA AVDD Current BVDD Current Idda Iddb All channels = 1.7 MHz — — 2.5 2.1 3.8 3.2 mA mA Si8605 Supply Current AVDD Current BVDD Current Idda Iddb All non-I2C channels = 0 All I2C channels = 1 — — 3.4 2.7 5.1 4.1 mA mA AVDD Current BVDD Current Idda Iddb All non-I2C channels = 1 All I2C channels = 0 — — 7.2 6.2 10.1 8.7 mA mA AVDD Current BVDD Current Idda Iddb All non-I2C channels = 5 MHz All I2C channels = 1.7 MHz — — 4.2 3.6 6.3 5.4 mA mA *Note: All voltages are relative to respective ground. |
Numéro de pièce similaire - SI8602AC-B-IS |
|
Description similaire - SI8602AC-B-IS |