Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC4046 Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce 74HC4046
Description  CMOS Phase Lock Loop
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74HC4046 Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button 74HC4046 Datasheet HTML 4Page - Fairchild Semiconductor 74HC4046 Datasheet HTML 5Page - Fairchild Semiconductor 74HC4046 Datasheet HTML 6Page - Fairchild Semiconductor 74HC4046 Datasheet HTML 7Page - Fairchild Semiconductor 74HC4046 Datasheet HTML 8Page - Fairchild Semiconductor 74HC4046 Datasheet HTML 9Page - Fairchild Semiconductor 74HC4046 Datasheet HTML 10Page - Fairchild Semiconductor 74HC4046 Datasheet HTML 11Page - Fairchild Semiconductor 74HC4046 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.fairchildsemi.com
8
Detailed Circuit Description
VOLTAGE CONTROLLED OSCILLATOR/SOURCE
FOLLOWER
The VCO requires two or three external components to
operate. These are R1, R2, C1. Resistor R1 and capacitor
C1 are selected to determine the center frequency of the
VCO. R1 controls the lock range. As R1’s resistance
decreases the range of fMIN to fMAX increases. Thus the
VCO’s gain increases. As C1 is changed the offset (if used)
of R2, and the center frequency is changed. (See typical
performance curves) R2 can be used to set the offset fre-
quency with 0V at VCO input. If R2 is omitted the VCO
range is from 0Hz. As R2 is decreased the offset frequency
is increased. The effect of R2 is shown in the design infor-
mation table and typical performance curves. By increasing
the value of R2 the lock range of the PLL is offset above
0Hz and the gain (Hz/Volt) does not change. In general,
when offset is desired, R2 and C1 should be chosen first,
and then R1 should be chosen to obtain the proper center
frequency.
Internally the resistors set a current in a current mirror as
shown in Figure 1. The mirrored current drives one side of
the capacitor once the capacitor charges up to the thresh-
old of the schmitt trigger the oscillator logic flips the capaci-
tor over and causes the mirror to charge the opposite side
of the capacitor. The output from the internal logic is then
taken to pin 4.
VCO WITHOUT OFFSET
R2 =
VCO WITH OFFSET
FIGURE 1.
Comparator I
Comparator II & III
R2= ∞
R2≠∞
R2= ∞
R2≠∞
•Given: f0
•Given: f0 and fL
•Given: fMAX
•Given: fMIN and fMAX
•Use f0 with curve titled
•Calculate fMIN from the
•Calculate f0 from the
•Use fMIN with curve titled
center frequency vs R1, C
equation fMIN = fo − fL
equation fo = fMAX/2
offset frequency vs R2,
to determine R1 and C1
•Use fMIN with curve titled
•Use f0 with curve titled
C to determine R2 and C1
offset frequency vs R2, C
center frequency vs R1, C
•Calculate fMAX/fMIN
to determine R2 and C1
to determine R1 and C1
•Use fMAX/fMIN with curve
•Calculate fMAX/fMIN from
titled fMAX/fMIN vs R2/R1
the equation fMAX/fMIN =
to determine ratio R2/R1
fo + fL/fo − fL
to obtain R1
•Use fMAX/fMIN with curve
titled fMAX/fMIN vs R2/R1
to determine ratio R2/R1
to obtain R1


Numéro de pièce similaire - 74HC4046

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74HC4046 ONSEMI-74HC4046 Datasheet
290Kb / 16P
   Phase-Locked Loop
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74HC4046 PHILIPS-74HC4046 Datasheet
467Kb / 34P
   Phase-locked-loop with VCO
1997 Nov 25
logo
System Logic Semiconduc...
74HC4046 SLS-74HC4046 Datasheet
134Kb / 12P
   Phase-Locked Loop
logo
NXP Semiconductors
74HC4046A PHILIPS-74HC4046A Datasheet
467Kb / 34P
   Phase-locked-loop with VCO
1997 Nov 25
logo
Nexperia B.V. All right...
74HC4046A NEXPERIA-74HC4046A Datasheet
671Kb / 36P
   Phase-locked loop with VCO
Rev. 4 - 6 August 2019
More results

Description similaire - 74HC4046

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046_03 Datasheet
239Kb / 16P
   CMOS Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
Toshiba Semiconductor
T4K71 TOSHIBA-T4K71 Datasheet
189Kb / 2P
   Built-in phase lock loop
logo
Texas Instruments
CD4046BEE4 TI1-CD4046BEE4 Datasheet
927Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Lockedn Loop
logo
Intersil Corporation
CD4046BMS INTERSIL-CD4046BMS Datasheet
109Kb / 11P
   CMOS Micropower Phase Locked Loop
December 1992
logo
Texas Instruments
CD4046B TI1-CD4046B_15 Datasheet
941Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Locked Loop
CD4046B TI-CD4046B Datasheet
322Kb / 12P
[Old version datasheet]   CMOS MICROPOWER PHASE-LOCKED LOOP
logo
NXP Semiconductors
74HC7046A PHILIPS-74HC7046A Datasheet
490Kb / 38P
   Phase-locked-loop with lock detector
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com