Moteur de recherche de fiches techniques de composants électroniques |
|
MM74HC4049 Fiches technique(PDF) 1 Page - Fairchild Semiconductor |
|
MM74HC4049 Fiches technique(HTML) 1 Page - Fairchild Semiconductor |
1 / 6 page © 1999 Fairchild Semiconductor Corporation DS005214 www.fairchildsemi.com February 1984 Revised October 1999 MM74HC4049 • MM74HC4050 Hex Inverting Logic Level Down Converter • Hex Logic Level Down Converter General Description The MM74HC4049 and the MM74HC4050 utilize advanced silicon-gate CMOS technology, and have a mod- ified input protection structure that enables these parts to be used as logic level translators which will convert high level logic to a low level logic while operating from the low logic supply. For example, 0–15V CMOS logic can be con- verted to 0–5V logic when using a 5V supply. The modified input protection has no diode connected to VCC, thus allow- ing the input voltage to exceed the supply. The lower zener diode protects the input from both positive and negative static voltages. In addition each part can be used as a sim- ple buffer or inverter without level translation. The MM74HC4049 is pin and functionally compatible to the CD4049BC and the MM74HC4050 is compatible to the CD4050BC Features s Typical propagation delay: 8 ns s Wide power supply range: 2V–6V s Low quiescent supply current: 20 µA maximum (74HC) s Fanout of 10 LS-TTL loads Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Connection Diagrams MM74HC4049 MM74HC4050 Order Number Package Number Package Description MM74HC4049M M16A 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow MM74HC4049SJ M16D 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide MM74HC4049MTC MTC16 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153. 4.4mm Wide MM74HC4049N N16E 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide MM74HC4050M M16A 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow MM74HC4050SJ M16D 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide MM74HC4050MTC MTC16 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153. 4.4mm Wide MM74HC4050N N16E 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide |
Numéro de pièce similaire - MM74HC4049 |
|
Description similaire - MM74HC4049 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |