Moteur de recherche de fiches techniques de composants électroniques |
|
TAZH686K006CRSCTH00 Fiches technique(PDF) 4 Page - AVX Corporation |
|
TAZH686K006CRSCTH00 Fiches technique(HTML) 4 Page - AVX Corporation |
4 / 15 page 10 ■ JUNE 2013 TAZ Series CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level Parametric Specifications by Rating per MIL-PRF-55365/4 Typical Ripple Data by Rating Cap DC Rated ESR @ DCL max DF Max Power 25ºC 85ºC 125ºC 25ºC 85ºC 125ºC @ 120Hz Voltage 100kHz +25ºC +85ºC +125ºC +25ºC +(85/125)ºC -55ºC Dissipation Ripple Ripple Ripple Ripple Ripple Ripple CWR09 P/N AVX MIL & COTS-Plus p/n AVX SRC9000 P/N Case μF V Ohms (μA) (μA) (μA) (%) (%) (%) W AAA V V V @ 25ºC @ +85ºC @ +25ºC (100kHz) (100kHz) (100kHz) (100kHz) (100kHz) (100kHz) CWR09M^224*@+ TAZ A 224 * 035 C # @ 0 ^ ++ TAZ A 224 * 035 C L @ 9 ^ ++ A 0.22 35 18 1 10 12 6 8 8 0.050 0.05 0.05 0.02 0.95 0.85 0.38 CWR09M^474*@+ TAZ B 474 * 035 C # @ 0 ^ ++ TAZ B 474 * 035 C L @ 9 ^ ++ B 0.47 35 10 1 10 12 6 8 8 0.070 0.08 0.08 0.03 0.84 0.75 0.33 CWR09M^684*@+ TAZ C 684 * 035 C # @ 0 ^ ++ TAZ C 684 * 035 C L @ 9 ^ ++ C 0.68 35 8 1 10 12 6 8 8 0.075 0.10 0.09 0.04 0.77 0.70 0.31 CWR09M^105*@+ TAZ D 105 * 035 C # @ 0 ^ ++ TAZ D 105 * 035 C L @ 9 ^ ++ D 1 35 6.5 1 10 12 6 8 8 0.080 0.11 0.10 0.04 0.72 0.65 0.29 CWR09M^155*@+ TAZ E 155 * 035 C # @ 0 ^ ++ TAZ E 155 * 035 C L @ 9 ^ ++ E 1.5 35 4.5 1 10 12 6 8 8 0.090 0.14 0.13 0.06 0.64 0.57 0.25 CWR09M^335*@+ TAZ F 335 * 035 C # @ 0 ^ ++ TAZ F 335 * 035 C L @ 9 ^ ++ F 3.3 35 2.5 1 10 12 6 8 8 0.100 0.20 0.18 0.08 0.50 0.45 0.20 CWR09M^475*@+ TAZ G 475 * 035 C # @ 0 ^ ++ TAZ G 475 * 035 C L @ 9 ^ ++ G 4.7 35 1.5 2 20 24 6 8 8 0.125 0.29 0.26 0.12 0.43 0.39 0.17 CWR09M^685*@+ TAZ H 685 * 035 C # @ 0 ^ ++ TAZ H 685 * 035 C L @ 9 ^ ++ H 6.8 35 1.3 3 30 36 6 8 8 0.150 0.34 0.31 0.14 0.44 0.40 0.18 CWR09N^104*@+ TAZ A 104 * 050 C # @ 0 ^ ++ TAZ A 104 * 050 C L @ 9 ^ ++ A 0.1 50 22 1 10 12 6 8 8 0.050 0.05 0.04 0.02 1.05 0.94 0.42 CWR09N^154*@+ TAZ A 154 * 050 C # @ 0 ^ ++ TAZ A 154 * 050 C L @ 9 ^ ++ A 0.15 50 17 1 10 12 6 8 8 0.050 0.05 0.05 0.02 0.92 0.83 0.37 CWR09N^224*@+ TAZ B 224 * 050 C # @ 0 ^ ++ TAZ B 224 * 050 C L @ 9 ^ ++ B 0.22 50 14 1 10 12 6 8 8 0.070 0.07 0.06 0.03 0.99 0.89 0.40 CWR09N^334*@+ TAZ B 334 * 050 C # @ 0 ^ ++ TAZ B 334 * 050 C L @ 9 ^ ++ B 0.33 50 12 1 10 12 6 8 8 0.070 0.08 0.07 0.03 0.92 0.82 0.37 CWR09N^474*@+ TAZ C 474 * 050 C # @ 0 ^ ++ TAZ C 474 * 050 C L @ 9 ^ ++ C 0.47 50 8 1 10 12 6 8 8 0.075 0.10 0.09 0.04 0.77 0.70 0.31 CWR09N^684*@+ TAZ D 684 * 050 C # @ 0 ^ ++ TAZ D 684 * 050 C L @ 9 ^ ++ D 0.68 50 7 1 10 12 6 8 8 0.080 0.11 0.10 0.04 0.75 0.67 0.30 CWR09N^105*@+ TAZ E 105 * 050 C # @ 0 ^ ++ TAZ E 105 * 050 C L @ 9 ^ ++ E 1 50 6 1 10 12 6 8 8 0.090 0.12 0.11 0.05 0.73 0.66 0.29 CWR09N^155*@+ TAZ F 155 * 050 C # @ 0 ^ ++ TAZ F 155 * 050 C L @ 9 ^ ++ F 1.5 50 4 1 10 12 6 8 8 0.100 0.16 0.14 0.06 0.63 0.57 0.25 CWR09N^225*@+ TAZ F 225 * 050 C # @ 0 ^ ++ TAZ F 225 * 050 C L @ 9 ^ ++ F 2.2 50 2.5 2 20 24 6 8 8 0.100 0.20 0.18 0.08 0.50 0.45 0.20 CWR09N^335*@+ TAZ G 335 * 050 C # @ 0 ^ ++ TAZ G 335 * 050 C L @ 9 ^ ++ G 3.3 50 2 2 20 24 6 8 8 0.125 0.25 0.23 0.10 0.50 0.45 0.20 CWR09N^475*@+ TAZ H 475 * 050 C # @ 0 ^ ++ TAZ H 475 * 050 C L @ 9 ^ ++ H 4.7 50 1.5 3 30 36 6 8 8 0.150 0.32 0.28 0.13 0.47 0.43 0.19 RATING & PART NUMBER REFERENCE All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. |
Numéro de pièce similaire - TAZH686K006CRSCTH00 |
|
Description similaire - TAZH686K006CRSCTH00 |