Moteur de recherche de fiches techniques de composants électroniques |
|
TPSC107M010S0100V Fiches technique(PDF) 2 Page - AVX Corporation |
|
TPSC107M010S0100V Fiches technique(HTML) 2 Page - AVX Corporation |
2 / 11 page AUGUST 2013 I 47 TPS Series Low ESR Not recommended for new designs, higher voltage or smaller case size substitution are offered. Released codes (M tolerance only) Engineering samples - please contact manufacturer *Codes under development - subject to change ESR limits quoted in brackets (milliohms) NOTE: Voltage ratings are minimum values. AVX reserves the right to supply higher ratings in the same case size, to the same reliability standards. Capacitance Rated Voltage DC (V R) to 85°C μF Code 2.5V (e) 4V (G) 6.3V (J) 10V (A) 16V (C) 20V (D) 25V (E) 35V (V) 50V (T) 0.15 154 A(9000) 0.22 224 A(6000) A(7000) 0.33 334 A(6000) A(7000) 0.47 474 A(7000) A(6000) A(6500), B(6000) B(4000) C(2300) 0.68 684 A(6000) A(6000) B(4000) 1.0 105 R(9000) A(6200) A(3000), R(6000) A(4000) A(3000) B(3000) S(6000), T(2000) R(2500,4000) B(2000) C(2500) 1.5 155 A(3000) A(3000) A(3000) C(1500,2000) B(1800) B(2500) 2.2 225 R(7000) A(1800) A(1800,3500) A(3000), B(1700) A(2500) A(1500), B(750, C(1500) T(2000) B(900,1200,2500) 1500,2000), C(1000) D(1200) 3.3 335 A(2100) T(1500) A(3500), B(2500) A(2500) A(1000,1500) B(1000) C(1000) B(1300) B(750,1500,2000) C(700) D(800) 4.7 475 S(4000) A(1400), B(1400) A(2000) A(1800) B(700,900,1500) B(700,1500) C(800) R(3000,5000) B(800,1500) B(750,1000) C(700) C(600), D(700) D(300,500,700) A(1000) 6.8 685 A(1800) A(1800), B(1300) A(1500) B(600,1000) B(700) C(350) D(200, 300, T(1800) B(600,1200) C(700) C(500,600,700) D(150,400,500) 500,600) A(1500), B(1500) A(900,1800), B(1000) A(1000), B(500,800) B(500,1000) B(1800) C(600) D(500) 10 106 R(3000) R(1000,1500,3000) P(2000)(M), S(900) C(500), T(800,1000) C(500,700) C(300,500) D(125,300) E(250,300, T(1000) T(1000,2000) W(500,600) W(250, 500) D(500) E(200), Y(250) 400,500) A(1000) B(500) C(220,300) C(350,450) E(250) 15 156 A(700,1500) B(450,600), C(700) B(500,800), C(700) C(400,450) D(100,300) D(100,300) V(250) T(1200) Y(250) A(500,900) A(900) B(400,600) B(400,600) D(125,200,300,400) 22 226 B(375,600) B(400,500,700) C(150,250,300,375) C(100,150,400) C(275,400) E(125,200,300) C(500), S(900) C(300), T(800) D(700), W(500) D(200,300) D(100,200,300) Y(200) A(700) B(350,500) D(100,200,300) A(600) B(250,425,500,650) C(100,150,225,300) C(300) E(100,175, D(200,300) 33 336 B(250,350,450,600) C(150,375,500) D(200), W(140,175, D(100,200) 200,300) E(100,250,300) T(800) W(350) 250,400,500) Y(200) V(200) Y(300,400) A(800) B(250,350,500,650) C(110,350) D(75,100,200) D(125,150,250) 47 476 A(500) B(250,350,500) C(200,350) D(80,100,150,200) E(70,125,150, E(80,100,125) E(200,250) C(300), T(1200) D(100,300) W(200) 200,250) (Y250) V(150,200) W(125,150,250) X(180), Y(250) X(200) B(600) C(125,200) D(70,150, B(250,350,500) C(80,100,200,300) D(70,100,150) 200,300) E(125,200) 68 686 C(150,200) D(100,150), W(100,150) F(200), X(150) E(125,150,200) V(80,95,150,200) V(150,200) W(110,125,250) Y(100,200) Y(150,200,250) Y(200) B(400)(M) C(200) B(200,250, B(250,400) C(75,100,150,200) D(60,100,125,150) D(85,100,150) 100 107 B(200) 350,500) C(75,150), D(300) D(50,65,80,100,125, E(55,100,125,150) E(100,150,200) E(150) (M), V(100) W(100) W(100,150) 150), E(125) W(150) F(150,200)(M) V(60,85,100,200) Y(100) X(85,150,200) Y(100,150,200) Y(100,150,200) B(250) C(50,90,150,200,250) C(150), D(50,85,100), D(60,85,100,125,150) 150 157 B(150) C(70,80) D(50,125), E(100), F(200), X(100)(M) E(100), V(45,75) V(80) V(150) (M) Y(40,50) Y(100,150,200) Y(200)(M) B(150, C(70,100,125,250) D(40,50,100,150) 220 227 200,600) D(40,50,100) D(50,100,125) E(50,60,70,100, E(100,150) D(45) Y(40,50,75) E(100), F(200) 125,150) V(50,75,100,150) Y(100,150) Y(100,150,200) C(100) C(80,100) 330 337 Y(40) D(35,45,100) D(45,50,70,100) D(50,65,100,150) E(200)(M) F(200) E(50,100,125,150) E(40,50,60,100) X(100) V(100), Y(100,150) V(40,60,100) D(35) D(45,60,100,200) 470 477 F(200) D(45,100) E(45,50,60,100,200) E(45,50,60,100,200) Y(100) E(35,45,100) V(40,55,100), Y(150) V(40,60,100) D(35,50) D(45,60,100) E(45,60,100) 680 687 E(35,50) E(40,60,100) V(35,40,50) Y(100) 1000 108 E(30,40) E(40,60) E(100)(M), V(40,50)(M) Y(100)(M) V(25,35,40,50) 1500 158 D(100) E(50,75) E(50) V(50,75)(M) V(30,40)(M) CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE (LETTER DENOTES CASE SIZE) |
Numéro de pièce similaire - TPSC107M010S0100V |
|
Description similaire - TPSC107M010S0100V |