Moteur de recherche de fiches techniques de composants électroniques |
|
ES1C Fiches technique(PDF) 2 Page - Formosa MS |
|
ES1C Fiches technique(HTML) 2 Page - Formosa MS |
2 / 2 page RATINGS AND CHARACTERISTIC CURVES ES1A THRU ES1J 1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 30 25 20 15 10 5.0 0.1 1.0 10 100 0.01 0.1 1 10 100 100 10 1 0.1 REVERSE VOLTAGE,VOLTS t.,PULSE DURATION,sec. FIG. 5-TYPICAL JUNCTION CAPACITANCE FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE FIG. 3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS NUMBER OF CYCLES AT 60 Hz FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT FIG. 1- FORWARD CURRENT DERATING CURVE INSTANTANEOUS FORWARD VOLEAGE, VOLTS Single Phase Half Wave 60Hz Resistive or inductive Load 1 10 100 TJ=25 C 1 10 100 200 0 20 40 60 80 100 1,000 100 10 1 0.1 0.01 TJ=100 C TJ=25 C PERCENT OF PEAK REVERSE VOLTAGE,% FIG. 4-TYPICAL REVERSE CHARACTERISTICS AMBIENT TEMPERATURE, C 0 0.4 0.8 1.2 1.6 1.8 0.01 0.1 1 20 10 ES1A-ES1D ES1E-ES1J TJ=25 C PULSE WIDTH=300 ms 1%DUTY CYCLE 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) SURFACE MOUNT SUPER FAST RECTIFIER Formosa MS Page 2 Document ID Issued Date Revised Date Revision Page. http://www.formosams.com/ TEL:886-2-22696661 FAX:886-2-22696141 DS-222645 2008/02/10 2010/03/10 B 2 |
Numéro de pièce similaire - ES1C |
|
Description similaire - ES1C |