Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MRFIC2404 Fiches technique(PDF) 5 Page - Motorola, Inc

No de pièce MRFIC2404
Description  2.4 GHz EXCITER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC2404 Fiches technique(HTML) 5 Page - Motorola, Inc

  MRFIC2404 Datasheet HTML 1Page - Motorola, Inc MRFIC2404 Datasheet HTML 2Page - Motorola, Inc MRFIC2404 Datasheet HTML 3Page - Motorola, Inc MRFIC2404 Datasheet HTML 4Page - Motorola, Inc MRFIC2404 Datasheet HTML 5Page - Motorola, Inc MRFIC2404 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
MRFIC2404
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 751– 05
ISSUE S
SEATING
PLANE
1
4
5
8
A
0.25 M CB SS
0.25 M
B M
h
q
C
X 45
_
L
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
0.10
0.25
B
0.35
0.49
C
0.18
0.25
D
4.80
5.00
E
1.27 BSC
e
3.80
4.00
H
5.80
6.20
h
0
7
L
0.40
1.25
q
0.25
0.50
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. DIMENSIONS ARE IN MILLIMETERS.
3. DIMENSION D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE B DIMENSION AT MAXIMUM MATERIAL
CONDITION.
D
E
H
A
B
e
B
A1
C
A
0.10


Numéro de pièce similaire - MRFIC2404

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MRFIC2401 MOTOROLA-MRFIC2401 Datasheet
138Kb / 8P
   2.4 GHz DOWNCONVERTER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2403 MOTOROLA-MRFIC2403 Datasheet
100Kb / 6P
   2.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2406 MOTOROLA-MRFIC2406 Datasheet
66Kb / 4P
   2.4 GHz INTEGRATED UPMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2408 MOTOROLA-MRFIC2408 Datasheet
96Kb / 4P
   single chip RF Power Amplifier
MRFIC2408PP MOTOROLA-MRFIC2408PP Datasheet
96Kb / 4P
   single chip RF Power Amplifier
More results

Description similaire - MRFIC2404

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MRFIC2403 MOTOROLA-MRFIC2403 Datasheet
100Kb / 6P
   2.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2406 MOTOROLA-MRFIC2406 Datasheet
66Kb / 4P
   2.4 GHz INTEGRATED UPMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2401 MOTOROLA-MRFIC2401 Datasheet
138Kb / 8P
   2.4 GHz DOWNCONVERTER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1803 MOTOROLA-MRFIC1803 Datasheet
119Kb / 6P
   1.8 GHz UPMIXER, EXCITER AND LO AMP GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
   1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1806 MOTOROLA-MRFIC1806 Datasheet
278Kb / 12P
   1.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1804 MOTOROLA-MRFIC1804 Datasheet
82Kb / 6P
   1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2101 MOTOROLA-MRFIC2101 Datasheet
124Kb / 10P
   900 MHz TX-MIXER/EXCITER SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TG2401F TOSHIBA-TG2401F Datasheet
219Kb / 7P
   GaAs Linear Integrated Circuit GaAs Monolithic
logo
Motorola, Inc
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com