Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MRFIC2404 Fiches technique(PDF) 4 Page - Motorola, Inc

No de pièce MRFIC2404
Description  2.4 GHz EXCITER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC2404 Fiches technique(HTML) 4 Page - Motorola, Inc

  MRFIC2404 Datasheet HTML 1Page - Motorola, Inc MRFIC2404 Datasheet HTML 2Page - Motorola, Inc MRFIC2404 Datasheet HTML 3Page - Motorola, Inc MRFIC2404 Datasheet HTML 4Page - Motorola, Inc MRFIC2404 Datasheet HTML 5Page - Motorola, Inc MRFIC2404 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MRFIC2404
4
MOTOROLA RF DEVICE DATA
Typical Characteristics
f, FREQUENCY (GHz)
PIN, INPUT POWER (dBm)
8
0
–8
–5
–15
–25
f, FREQUENCY (GHz)
5.0
3.8
3.0
3.0
2.8
2.2
2.0
2.6
2.4
Figure 2. Gain versus Frequency
19
17
14
2.4
Figure 3. Noise Figure versus Frequency
2.7
Figure 4. Output Power versus Input Power
2.1
2.3
2.5
2.7
2.9
2.1
2.2
2.3
2.5
2.6
2.8
2.9
13
3.2
3.4
4.2
4.0
4.4
3.6
6
–2
2
–4
4
–20
18
16
15
2.0
4.8
–10
TA = – 30°C
3.0
25
°C
85
°C
–6
4.6
Pin = – 20 dBm
VDD = 5.0 Vdc
Vbias = 0 Vdc
VDD = 5.0 Vdc
Vbias = 0 Vdc
f = 2.45 GHz
VDD = 5.0 Vdc
Vbias = 0 Vdc
12
DESIGN AND APPLICATIONS INFORMATION
The MRFIC2404 is a single–stage GaAs amplifier
designed for exciter applications such as driving the
MRFIC2403 power amplifier. The 4.3 dB noise figure, 17 dB
gain and +5.0 dBm power output at 1.0 dB gain compression
make the MRFIC2404 suitable for high–performance
receiver IF application, Multichannel Multipoint Distribution
System (MMDS) applications, telemetry and other applica-
tions in the 2.0 to 3.0 GHz range.
The characterization curves show typical performance in
the 2.0 to 3.0 GHz range in the circuit shown in Figure 1. This
circuit was also used to derive the device impedance shown
in Table 1. The amplifier input is matched to 50
W while the
output requires about 3.3 nH series inductance for best
match at 2.45 GHz. The VDD supply line should be bypassed
as close to the chip as possible to avoid low frequency
oscillations. Power supply “stiffening” and digital transient
bypassing in the form of electrolytic of tantalum capacitors
should be added.
The device can be put into a reduced current “sleep” mode
by 5.0 Vdc to the Vbias pin.
EVALUATION BOARDS
Evaluation boards are available for RF Monolithic Inte-
grated Circuits by adding a “TF” suffix to the device type.
For a complete list of currently available boards and ones
in development for newly introduced product, please con-
tact your local Motorola Distributor or Sales Office.


Numéro de pièce similaire - MRFIC2404

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MRFIC2401 MOTOROLA-MRFIC2401 Datasheet
138Kb / 8P
   2.4 GHz DOWNCONVERTER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2403 MOTOROLA-MRFIC2403 Datasheet
100Kb / 6P
   2.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2406 MOTOROLA-MRFIC2406 Datasheet
66Kb / 4P
   2.4 GHz INTEGRATED UPMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2408 MOTOROLA-MRFIC2408 Datasheet
96Kb / 4P
   single chip RF Power Amplifier
MRFIC2408PP MOTOROLA-MRFIC2408PP Datasheet
96Kb / 4P
   single chip RF Power Amplifier
More results

Description similaire - MRFIC2404

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MRFIC2403 MOTOROLA-MRFIC2403 Datasheet
100Kb / 6P
   2.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2406 MOTOROLA-MRFIC2406 Datasheet
66Kb / 4P
   2.4 GHz INTEGRATED UPMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2401 MOTOROLA-MRFIC2401 Datasheet
138Kb / 8P
   2.4 GHz DOWNCONVERTER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1803 MOTOROLA-MRFIC1803 Datasheet
119Kb / 6P
   1.8 GHz UPMIXER, EXCITER AND LO AMP GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
   1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1806 MOTOROLA-MRFIC1806 Datasheet
278Kb / 12P
   1.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1804 MOTOROLA-MRFIC1804 Datasheet
82Kb / 6P
   1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2101 MOTOROLA-MRFIC2101 Datasheet
124Kb / 10P
   900 MHz TX-MIXER/EXCITER SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TG2401F TOSHIBA-TG2401F Datasheet
219Kb / 7P
   GaAs Linear Integrated Circuit GaAs Monolithic
logo
Motorola, Inc
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com