Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM74C373 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce MM74C373
Description  3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C373 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  MM74C373 Datasheet HTML 1Page - Fairchild Semiconductor MM74C373 Datasheet HTML 2Page - Fairchild Semiconductor MM74C373 Datasheet HTML 3Page - Fairchild Semiconductor MM74C373 Datasheet HTML 4Page - Fairchild Semiconductor MM74C373 Datasheet HTML 5Page - Fairchild Semiconductor MM74C373 Datasheet HTML 6Page - Fairchild Semiconductor MM74C373 Datasheet HTML 7Page - Fairchild Semiconductor MM74C373 Datasheet HTML 8Page - Fairchild Semiconductor MM74C373 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 2)
Note 2: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Tempera-
ture Range” they are not meant to imply that the devices should be oper-
ated at these limits. The table of “Electrical Characteristics” provides
conditions for actual device operation.
DC Electrical Characteristics
Min/Max limits apply across temperature range unless otherwise noted
Note 3: These are peak output current capabilities. Continuous output current is rated at 12 mA max.
Voltage at Any Pin
−0.3V to V
CC + 0.3V
Operating Temperature Range (TA)
MM74C373
−55°C to +125°C
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VCC Range
3V to 15V
Absolute Maximum VCC
18V
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VIN(1)
Logical “1” Input Voltage
VCC = 5V
3.5
V
VCC = 10V
8.0
VIN(0)
Logical “0” Input Voltage
VCC = 5V
1.5
V
VCC = 10V
2.0
VOUT(1)
Logical “1” Output Voltage
VCC = 5V, IO = −10 µA4.5
V
VCC = 10V, IO = −10 µA9.0
VOUT(0)
Logical “0” Output Voltage
VCC = 5V, IO = 10 µA0.5
V
VCC = 10V, IO = 10 µA1.0
IIN(1)
Logical “1” Input Current
VCC = 15V, VIN = 15V
0.005
1.0
µA
IIN(0)
Logical “0” Input Current
VCC = 15V, VIN = 0V
−1.0
−0.005
µA
IOZ
3-STATE Leakage Current
VCC = 15V, VO = 15V
0.005
1.0
µA
VCC = 15V, VO = 0V
−1.0
−0.005
ICC
Supply Current
VCC = 15V
0.05
300
µA
CMOS/LPTTL INTERFACE
VIN(1)
Logical “1” Input Voltage
VCC = 4.75V
VCC − 1.5
V
VIN(0)
Logical “0” Input Voltage
VCC = 4.75V
0.8
V
VOUT(1)
Logical “1” Output Voltage
VCC = 4.75V, IO = −360 µAVCC − 0.4
V
VCC = 4.75V, IO = −1.6 mA
2.4
VOUT(0)
Logical “0” Output Voltage
VCC = 4.75V, IO = 1.6 mA
0.4
V
OUTPUT DRIVE (Short Circuit Current)
ISOURCE
Output Source Current
VCC = 5V, VOUT = 0V
−12
−24
mA
TA = 25°C (Note 3)
ISOURCE
Output Source Current
VCC = 10V, VOUT = 0V
−24
−48
mA
TA = 25°C (Note 3)
ISINK
Output Sink Current
VCC = 5V, VOUT = VCC
612
mA
(N-Channel)
TA = 25°C (Note 3)
ISINK
Output Sink Current
VCC = 10V, VOUT = VCC
24
48
mA
(N-Channel)
TA = 25°C (Note 3)


Numéro de pièce similaire - MM74C373

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
MM74C373 NSC-MM74C373 Datasheet
170Kb / 8P
   Octal D-Type Latch Octal D-Type Flip-Flop
More results

Description similaire - MM74C373

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MM74HCT373 FAIRCHILD-MM74HCT373 Datasheet
108Kb / 9P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
MM74HCT373 FAIRCHILD-MM74HCT373_05 Datasheet
122Kb / 10P
   3-STATE Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HCT573 ONSEMI-MM74HCT573 Datasheet
222Kb / 11P
   Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573_05 Datasheet
114Kb / 9P
   Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
MM74HCT573 FAIRCHILD-MM74HCT573 Datasheet
98Kb / 8P
   Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Integral Corp.
IN74VHCT374 INTEGRAL-IN74VHCT374 Datasheet
309Kb / 8P
   Octal D-type flip-flop (3-state)
logo
KODENSHI_AUK CORP.
KK74VHCT374 KODENSHI-KK74VHCT374 Datasheet
324Kb / 8P
   Octal D-type flip-flop (3-state)
logo
IK Semicon Co., Ltd
IN74VHCT374 IKSEMICON-IN74VHCT374 Datasheet
312Kb / 8P
   Octal D-type flip-flop (3-state)
logo
Texas Instruments
CD74AC574M TI-CD74AC574M Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com