Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74C221 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74C221
Description  Dual Monostable Multivibrator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74C221 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74C221 Datasheet HTML 1Page - Fairchild Semiconductor 74C221 Datasheet HTML 2Page - Fairchild Semiconductor 74C221 Datasheet HTML 3Page - Fairchild Semiconductor 74C221 Datasheet HTML 4Page - Fairchild Semiconductor 74C221 Datasheet HTML 5Page - Fairchild Semiconductor 74C221 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Tempera-
ture Range” they are not meant to imply that the devices should be oper-
ated at these limits. The Electrical Characteristics table provides conditions
for actual device operation.
DC Electrical Characteristics
Max/min limits apply across temperature range, unless otherwise noted
Note 2: In Standby (Q
= Logic “0”) the power dissipated equals the leakage current plus V
CC/REXT.
Voltage at Any Pin
−0.3V to V
CC + 0.3V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Power Dissipation
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VCC Range
4.5V to 15V
Absolute Maximum VCC
18V
REXT ≥ 80 VCC (Ω)
Lead Temperature
(Soldering, 10 seconds)
260
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS to CMOS
VIN(1)
Logical “1” Input Voltage
VCC = 5V
3.5
V
VCC = 10V
8.0
V
VIN(0)
Logical “0” Input Voltage
VCC = 5V
1.5
V
VCC = 10V
2.0
V
VOUT(1)
Logical “1” Output Voltage
VCC = 5V, IO = −10 µA
4.5
V
VCC = 10V, IO = −10 µA
9.0
V
VOUT(0)
Logical “0” Output Voltage
VCC = 5V, IO = +10 µA
0.5
V
VCC = 10V, IO = +10 µA
1
V
IIN(1)
Logical “1” Input Current
VCC = 15V, VIN = 15V
0.005
1.0
µA
IIN(0)
Logical “0” Input Current
VCC = 15V, VIN = 0V
−1.0
−0.005
µA
ICC
Supply Current (Standby)
VCC = 15V, REXT = ∞,
0.05
300
µA
Q1, Q2
= Logic “0” (Note 2)
ICC
Supply Current
VCC = 15V, Q1 = Logic “1”,
15
mA
(During Output Pulse)
Q2
= Logic “0” (Figure 4)
VCC = 5V, Q1 = Logic “1”,
2
mA
Q2
= Logic “0” (Figure 4)
Leakage Current at R/CEXTPin
VCC = 15V, VCEXT = 5V
0.01
3.0
µA
CMOS/LPTTL Interface
VIN(1)
Logical “1” Input Voltage
V CC = 4.75V
VCC − 1.5
V
VIN(0)
Logical “0” Input Voltage
VCC = 4.75V
0.8
V
VOUT(1)
Logical “1” Output Voltage
V CC = 4.75V, IO = −360 µA
2.4
V
VOUT(0)
Logical “0” Output Voltage
VCC = 4.75V, IO = 360 µA
0.4
V
Output Drive (See Family Characteristics Data Sheet) (Short Circuit Current)
ISOURCE
Output Source Current
VCC = 5V
−1.75
mA
(P-Channel)
TA = 25°C, VOUT = 0V
ISOURCE
Output Source Current
VCC = 10V
−8
mA
(P-Channel)
TA = 25°C, VOUT = 0V
ISINK
Output Sink Current
VCC = 5V
1.75
mA
(N-Channel)
TA = 25°C, VOUT = VCC
ISINK
Output Sink Current
VCC = 10V
8
mA
(N-Channel)
TA = 25°C, VOUT = VCC


Numéro de pièce similaire - 74C221

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74C2525 NSC-74C2525 Datasheet
170Kb / 10P
   1-to-8 Minimum Skew Clock Driver
74C2526 NSC-74C2526 Datasheet
170Kb / 10P
   1-to-8 Minimum Skew Clock Driver
More results

Description similaire - 74C221

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com