Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3-1393225-0 Fiches technique(PDF) 4 Page - Tyco Electronics

No de pièce 3-1393225-0
Description  Miniature Power PCB RYII & RYII Reflow Solderable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1393225-0 Fiches technique(HTML) 4 Page - Tyco Electronics

  3-1393225-0 Datasheet HTML 1Page - Tyco Electronics 3-1393225-0 Datasheet HTML 2Page - Tyco Electronics 3-1393225-0 Datasheet HTML 3Page - Tyco Electronics 3-1393225-0 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
SCHRACK
Miniature Power PCB RYII & RYII Reflow Solderable (Continued)
General Purpose Relays
PCB Relays
Product code
Version
Contacts
Contact material
Coil
Part number
RY211005
Pinning 3.2 mm
1 form C,
AgNi 0.15
5VDC
4-1393224-2
RY211012
flux proof
1 CO contact
12VDC
4-1393224-6
RY211024
24VDC
4-1393224-9
RY211048
48VDC
5-1393224-1
RY212005
AgNi 0.15
5VDC
5-1393224-2
RY212012
gold plated
12VDC
5-1393224-5
RY212024
24VDC
5-1393224-8
RY212048
48VDC
5-1393224-9
RY213005
AgSnO2
5VDC
6-1393224-0
RY213012
12VDC
6-1393224-1
RY213024
24VDC
6-1393224-2
RY213048
48VDC
6-1393224-3
RY531005
Pinning 5 mm
1 form A,
AgNi 0.15
5VDC
7-1393224-6
RY531012
flux proof
1 NO contact
12VDC
7-1393224-9
RY531024
24VDC
8-1393224-2
RY531048
48VDC
8-1393224-3
RY532012
AgNi 0.15
12VDC
8-1393224-4
RY532024
gold plated
24VDC
8-1393224-5
RY533012
AgSnO2
12VDC
8-1393224-8
RY533024
24VDC
8-1393224-9
RY533048
48VDC
9-1393224-0
RY611005
Pinning 3.2 mm
1 form C,
AgNi 0.15
5VDC
1-1393225-7
RY611012
wash tight
1 CO contact
12VDC
1-1393225-9
RY611024
24VDC
2-1393225-1
RY611048
48VDC
2-1393225-2
RY612005
AgNi 0.15
5VDC
2-1393225-3
RY612012
gold plated
12VDC
2-1393225-6
RY612024
24VDC
2-1393225-9
RY612048
48VDC
3-1393225-0
RY613005
AgSnO2
5VDC
5-1419136-2
RY613012
12VDC
3-1393225-1
RY613024
24VDC
3-1393225-3
RY613048
48VDC
3-1393225-4
RY631024
1 form A,
AgNi 0.15
24VDC
4-1415400-1
RYA31005
Pinning 5 mm
1 NO contact
5VDC
1393224-7
RYA31012
wash tight
12VDC
1393224-9
RYA31024
24VDC
1-1393224-2
RYA31048
48VDC
1-1393224-3
RYA32005
AgNi 0.15
5VDC
1-1393224-4
RYA32012
gold plated
12VDC
1-1393224-6
RYA32024
24VDC
1-1393224-8
RYA33005
AgSnO2
5VDC
1-1393224-9
RYA33024
24VDC
2-1393224-1
Product code
Version
Contacts
Contact material
Coil
Part number
RY211005R
pinning 3.2mm
1 form C,
AgNi 0.15
5VDC
1-1956170-2
RY211012R
flux proof
1 CO contact
12VDC
1-1956170-6
RY211024R
reflow solderable
24VDC
1956164-1
RY531005R
pinning 5.0mm
1 form A,
5VDC
1-1956171-1
RY531012R
flux proof
1 NO contact
12VDC
1-1956171-4
RY531024R
reflow solderable
24VDC
1-1956171-7


Numéro de pièce similaire - 3-1393225-0

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
3-1393225-0 MACOM-3-1393225-0 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
3-1393225-0 TEC-3-1393225-0 Datasheet
411Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
More results

Description similaire - 3-1393225-0

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
1-1393225-0 MACOM-1-1393225-0 Datasheet
411Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
logo
TE Connectivity Ltd
RYII TEC-RYII Datasheet
411Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
logo
Tyco Electronics
2-1393225-9 MACOM-2-1393225-9 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393225-2 MACOM-2-1393225-2 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393224-6 MACOM-2-1393224-6 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393225-6 MACOM-2-1393225-6 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393224-4 MACOM-2-1393224-4 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393224-5 MACOM-2-1393224-5 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393224-8 MACOM-2-1393224-8 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393225-1 MACOM-2-1393225-1 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com