Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3-1393239-8 Fiches technique(PDF) 1 Page - Tyco Electronics

No de pièce 3-1393239-8
Description  Power PCB Relay RT1 sensitive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1393239-8 Fiches technique(HTML) 1 Page - Tyco Electronics

  3-1393239-8 Datasheet HTML 1Page - Tyco Electronics 3-1393239-8 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RT1 sensitive
n
1 pole 10A, 1 form C (CO) or 1 form A (NO) contact
n
Highly sensitive version, coil power 250mW
n
5kV/10mm coil-contact
n
Reinforced insulation
n
Ambient temperature 85°C
Typical applications
Domestic appliances, heating control
Approvals
VDE REG.-Nr. 6106,UL E214025, cCSAus 14385
Technical data of approved types on request
Contact Data
Contact arrangement
1 form C (CO) or 1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400 VAC
Rated current
10A
Limiting making current; max. 4s, duty factor 10% 15A
Breaking capacity
2500VA
Contact material
AgNi 90/10
Frequency of operation; with/without load
3000/72000h-1
Operate/release time max.
10/8ms
Bounce time max.; form A/form B
4/9ms
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
RT174
A/B (NO/NC) 10A, 250VAC resistive, 85°C
100x103
UL 508
RT174
C (CO)
10A, 250VAC, general purpose, 85°C
6x103
RT174
A/B (NO/NC) 10A, 250VAC, general purpose, 40°C
30x103
RT174
A/B (NO/NC) B300, 40°C
6x103
RT174
A (NO)
R150, 40°C
6x103
RT174
B (NC)
1/2hp, 240VAC, 40°C
1x103
RT174
A (NO)
3/4hp, 240VAC, 40°C
1x103
EN60730-1
RT174
A (NO)
6(4)A, 250VAC, 85°C
100x103
Mechanical endurance
>30x106 operations
Coil Data
Coil voltage range
5 to 60VDC
Operative range, IEC 61810
2
Coil insulation system according UL
class F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%1)
mW
005
5
3.7
0.5
100
250
006
6
4.5
0.6
144
250
009
9
6.8
0.9
312
260
012
12
9.0
1.2
576
250
024
24
18.0
2.4
2304
250
048
48
36.0
4.8
9216
250
060
60
45.0
6.0
128571)
280
1) Coil resistance ±12%.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
5000Vrms
Clearance/creepage
between contact and coil
≥10/10mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI 250V
F0145-C
Z
V
b


Numéro de pièce similaire - 3-1393239-8

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
3-1393239-0 TEC-3-1393239-0 Datasheet
492Kb / 4P
   Power PCB Relay RT1
More results

Description similaire - 3-1393239-8

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
RT174005 MACOM-RT174005 Datasheet
161Kb / 2P
   Power PCB Relay RT1 sensitive
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
   Power PCB Relay RT1
1-1393240-1 MACOM-1-1393240-1 Datasheet
479Kb / 4P
   Power PCB Relay RT1
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
492Kb / 4P
   Power PCB Relay RT1
logo
Tyco Electronics
2-1419108-8 MACOM-2-1419108-8 Datasheet
618Kb / 3P
   Power PCB Relay RT1
2-1393238-1 MACOM-2-1393238-1 Datasheet
726Kb / 4P
   Power PCB Relay RT1
2-1393238-5 MACOM-2-1393238-5 Datasheet
726Kb / 4P
   Power PCB Relay RT1
6-1393238-2 MACOM-6-1393238-2 Datasheet
492Kb / 4P
   Power PCB Relay RT1
RTD34012F MACOM-RTD34012F Datasheet
669Kb / 3P
   Power PCB Relay RT1
2-1393237-2 MACOM-2-1393237-2 Datasheet
567Kb / 3P
   Power PCB Relay RT1
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com