Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FGB30N6S2DT Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FGB30N6S2DT
Description  600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGB30N6S2DT Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FGB30N6S2DT Datasheet HTML 1Page - Fairchild Semiconductor FGB30N6S2DT Datasheet HTML 2Page - Fairchild Semiconductor FGB30N6S2DT Datasheet HTML 3Page - Fairchild Semiconductor FGB30N6S2DT Datasheet HTML 4Page - Fairchild Semiconductor FGB30N6S2DT Datasheet HTML 5Page - Fairchild Semiconductor FGB30N6S2DT Datasheet HTML 6Page - Fairchild Semiconductor FGB30N6S2DT Datasheet HTML 7Page - Fairchild Semiconductor FGB30N6S2DT Datasheet HTML 8Page - Fairchild Semiconductor FGB30N6S2DT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2001 Fairchild Semiconductor Corporation
July 2001
FGH30N6S2D / FGP30N6S2D / FGB30NS2D Rev. A
FGH30N6S2D / FGP30N6S2D / FGB30N6S2D
600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
General Description
The FGH30N6S2D, FGP30N6S2D, and FGB30N6S2D are
Low Gate Charge, Low Plateau Voltage SMPS II IGBTs
combining the fast switching speed of the SMPS IGBTs
along with lower gate charge and plateau voltage and ava-
lanche capability (UIS). These LGC devices shorten delay
times, and reduce the power requirement of the gate drive.
These devices are ideally suited for high voltage switched
mode power supply applications where low conduction
loss, fast switching times and UIS capability are essential.
SMPS II LGC devices have been specially designed for:
• Power Factor Correction (PFC) circuits
• Full bridge topologies
• Half bridge topologies
• Push-Pull circuits
• Uninterruptible power supplies
• Zero voltage and zero current switching circuits
IGBT formerly Developmental Type TA49336
Diode formerly Developmental Type TA49390
Features
• 100kHz Operation at 390V, 14A
• 200kHZ Operation at 390V, 9A
• 600V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . 90ns at TJ = 125oC
• Low Gate Charge . . . . . . . . . 23nC at VGE = 15V
• Low Plateau Voltage . . . . . . . . . . . . . 6.5V Typical
• UIS Rated . . . . . . . . . . . . . . . . . . . . . . . . . 150mJ
• Low Conduction Loss
Device Maximum Ratings T
C= 25°C unless otherwise noted
Symbol
Parameter
Ratings
Units
BVCES
Collector to Emitter Breakdown Voltage
600
V
IC25
Collector Current Continuous, TC = 25°C
45
A
IC110
Collector Current Continuous, TC = 110°C
20
A
ICM
Collector Current Pulsed (Note 1)
108
A
VGES
Gate to Emitter Voltage Continuous
±20
V
VGEM
Gate to Emitter Voltage Pulsed
±30
V
SSOA
Switching Safe Operating Area at TJ = 150°C, Figure 2
60A at 600V
EAS
Pulsed Avalanche Energy, ICE = 12A, L = 2mH, VDD = 50V
150
mJ
PD
Power Dissipation Total TC = 25°C
167
W
Power Dissipation Derating TC > 25°C
1.33
W/°C
TJ
Operating Junction Temperature Range
-55 to 150
°C
TSTG
Storage Junction Temperature Range
-55 to 150
°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and
operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. Pulse width limited by maximum junction temperature.
Package
JEDEC STYLE TO-247
Symbol
G
C
E
C
E
G
JEDEC STYLE TO-220AB
G
C
E
JEDEC STYLE TO-263AB
G
C
E


Numéro de pièce similaire - FGB30N6S2DT

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FGB30N6S2D FAIRCHILD-FGB30N6S2D Datasheet
281Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
More results

Description similaire - FGB30N6S2DT

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FGK60N6S2D FAIRCHILD-FGK60N6S2D Datasheet
185Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH40N6S2D FAIRCHILD-FGH40N6S2D Datasheet
208Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH20N6S2D FAIRCHILD-FGH20N6S2D Datasheet
232Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH30N6S2D FAIRCHILD-FGH30N6S2D Datasheet
281Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH50N6S2D FAIRCHILD-FGH50N6S2D Datasheet
195Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGP20N6S2D FAIRCHILD-FGP20N6S2D Datasheet
231Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com