Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF9317TRPBF Fiches technique(PDF) 5 Page - International Rectifier

No de pièce IRF9317TRPBF
Description  Charge and Discharge Switch for Notebook PC Battery Application
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF9317TRPBF Fiches technique(HTML) 5 Page - International Rectifier

  IRF9317TRPBF Datasheet HTML 1Page - International Rectifier IRF9317TRPBF Datasheet HTML 2Page - International Rectifier IRF9317TRPBF Datasheet HTML 3Page - International Rectifier IRF9317TRPBF Datasheet HTML 4Page - International Rectifier IRF9317TRPBF Datasheet HTML 5Page - International Rectifier IRF9317TRPBF Datasheet HTML 6Page - International Rectifier IRF9317TRPBF Datasheet HTML 7Page - International Rectifier IRF9317TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRF9317PbF
www.irf.com
5
Fig 14. Maximum Avalanche Energy vs. Drain Current
Fig 12. On-Resistance vs. Gate Voltage
Fig 13. Typical On-Resistance vs. Drain Current
Fig 16
. Typical Power vs. Time
* Reverse Polarity of D.U.T for P-Channel
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
* VGS = 5V for Logic Level Devices
*
Inductor Current
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
• di/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
D.U.T
*

Fig 17.
Diode Reverse Recovery Test Circuit for P-Channel HEXFET® Power MOSFETs
2
4
6
8
10
12
14
16
18
20
-VGS, Gate -to -Source Voltage (V)
4
6
8
10
12
14
16
18
TJ = 125°C
TJ = 25°C
ID = -13A
1E-5
1E-4
1E-3
1E-2
1E-1
1E+0
Time (sec)
0
200
400
600
800
1000
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
200
400
600
800
1000
1200
1400
ID
TOP
-1.5A
-2.3A
BOTTOM -13A
0 10 20 30 40 50 60 70 80 90 100110120
-ID, Drain Current (A)
4
8
12
16
20
VGS = -10V
VGS = -4.5V


Numéro de pièce similaire - IRF9317TRPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF9317TRPBF IRF-IRF9317TRPBF Datasheet
225Kb / 8P
   charge and discharge switch for notebook pc battery application
logo
TECH PUBLIC Electronics...
IRF9317TRPBF-TP TECHPUBLIC-IRF9317TRPBF-TP Datasheet
2Mb / 6P
   P-Channel Enhancement Mode MOSFET
More results

Description similaire - IRF9317TRPBF

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
IRFHM8330PBF INFINEON-IRFHM8330PBF Datasheet
628Kb / 11P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9358PBF IRF-IRF9358PBF Datasheet
280Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9310PBF IRF-IRF9310PBF_15 Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
logo
Infineon Technologies A...
IRFHM8329PBF INFINEON-IRFHM8329PBF Datasheet
598Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9321TRPBF IRF-IRF9321TRPBF Datasheet
275Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8326PBF IRF-IRFHM8326PBF Datasheet
270Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8330PBF IRF-IRFHM8330PBF Datasheet
379Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9328TRPBF IRF-IRF9328TRPBF Datasheet
320Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8326PBF INFINEON-IRFHM8326PBF Datasheet
604Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRFH9310PBF IRF-IRFH9310PBF Datasheet
296Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com