Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD214B-T120A Fiches technique(PDF) 2 Page - Bourns Electronic Solutions

No de pièce CD214B-T120A
Description  CD214B Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214B-T120A Fiches technique(HTML) 2 Page - Bourns Electronic Solutions

  CD214B-T120A Datasheet HTML 1Page - Bourns Electronic Solutions CD214B-T120A Datasheet HTML 2Page - Bourns Electronic Solutions CD214B-T120A Datasheet HTML 3Page - Bourns Electronic Solutions CD214B-T120A Datasheet HTML 4Page - Bourns Electronic Solutions CD214B-T120A Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD214B Transient Voltage Suppressor Diode Series
Electrical Characteristics (@TA = 25 °C unless otherwise noted)
Maximum
Maximum
Maximum
Unidirectional Device
Bidirectional Device
Working Peak
Reverse
Reverse
Reverse
Breakdown Voltage
Reverse
Leakage
Voltage
Surge
Part
Part
Part
Part
VBR (Volts)
Voltage
@ VRWM
@IRSM
Current
Number
Marking
Number
Marking
Min.
Max.
@ IT (mA)
VRWM (Volts)
IR (uA)
VRSM (Volts)
IRSM (Amps)
CD214B-T5.0A
KE
CD214B-T5.0CA
AE
6.40
7.25
10
5.0
800
9.2
65.2
CD214B-T6.0A
KG
CD214B-T6.0CA
AG
6.67
7.67
10
6.0
800
10.3
58.3
CD214B-T6.5A
KK
CD214B-T6.5CA
AK
7.22
8.30
10
6.5
500
11.2
53.6
CD214B-T7.0A
KM
CD214B-T7.0CA
AM
7.78
8.95
10
7.0
200
12.0
50.0
CD214B-T7.5A
KP
CD214B-T7.5CA
AP
8.33
9.58
1.0
7.5
100
12.9
46.5
CD214B-T8.0A
KR
CD214B-T8.0CA
AR
8.89
10.2
1.0
8.0
50
13.6
44.1
CD214B-T8.5A
KT
CD214B-T8.5CA
AT
9.44
10.8
1.0
8.5
20
14.4
41.7
CD214B-T9.0A
KV
CD214B-T9.0CA
AV
10.0
11.5
1.0
9.0
10
15.4
39.0
CD214B-T10A
KX
CD214B-T10CA
AX
11.1
12.8
1.0
10
5.0
17.0
35.3
CD214B-T11A
KZ
CD214B-T11CA
AZ
12.2
14.4
1.0
11
5.0
18.2
33.0
CD214B-T12A
LE
CD214B-T12CA
BE
13.3
15.3
1.0
12
5.0
19.9
30.2
CD214B-T13A
LG
CD214B-T13CA
BG
14.4
16.5
1.0
13
5.0
21.5
27.9
CD214B-T14A
LK
CD214B-T14CA
BK
15.6
17.9
1.0
14
5.0
23.2
25.8
CD214B-T15A
LM
CD214B-T15CA
BM
16.7
19.2
1.0
15
5.0
24.4
24.0
CD214B-T16A
LP
CD214B-T16CA
BP
17.8
20.5
1.0
16
5.0
26.0
23.1
CD214B-T17A
LR
CD214B-T17CA
BR
18.9
21.7
1.0
17
5.0
27.6
21.7
CD214B-T18A
LT
CD214B-T18CA
BT
20.0
23.3
1.0
18
5.0
29.2
20.5
CD214B-T20A
LV
CD214B-T20CA
BV
22.2
25.5
1.0
20
5.0
32.4
18.5
CD214B-T22A
LX
CD214B-T22CA
BX
24.4
28.0
1.0
22
5.0
35.5
16.9
CD214B-T24A
LZ
CD214B-T24CA
BZ
26.7
30.7
1.0
24
5.0
38.9
15.4
CD214B-T26A
ME
CD214B-T26CA
CE
28.9
32.2
1.0
26
5.0
42.1
14.2
CD214B-T28A
MG
CD214B-T28CA
CG
31.1
35.8
1.0
28
5.0
45.4
13.2
CD214B-T30A
MK
CD214B-T30CA
CK
33.3
38.3
1.0
30
5.0
48.4
12.4
CD214B-T33A
MM
CD214B-T33CA
CM
36.7
42.2
1.0
33
5.0
53.3
11.3
CD214B-T36A
MP
CD214B-T36CA
CP
40
46.0
1.0
36
5.0
58.1
10.3
CD214B-T40A
MR
CD214B-T40CA
CR
44.4
51.1
1.0
40
5.0
64.5
9.3
CD214B-T43A
MT
CD214B-T43CA
CT
47.8
54.9
1.0
43
5.0
69.4
8.6
CD214B-T45A
MV
CD214B-T45CA
CV
50
57.5
1.0
45
5.0
72.7
8.3
CD214B-T48A
MX
CD214B-T48CA
CX
53.3
61.3
1.0
48
5.0
77.4
7.7
CD214B-T51A
MZ
CD214B-T51CA
CZ
56.7
65.2
1.0
51
5.0
82.4
7.3
CD214B-T54A
NE
CD214B-T54CA
DE
60
69
1.0
54
5.0
87.1
6.9
CD214B-T58A
NG
CD214B-T58CA
DG
64.4
74.6
1.0
58
5.0
93.6
6.4
CD214B-T60A
NK
CD214B-T60CA
DK
66.7
76.7
1.0
60
5.0
96.8
6.2
CD214B-T64A
NM
CD214B-T64CA
DM
71.1
81.8
1.0
64
5.0
103
5.8
CD214B-T70A
NP
CD214B-T70CA
DP
77.8
89.5
1.0
70
5.0
113
5.3
CD214B-T75A
NR
CD214B-T75CA
DR
83.3
95.8
1.0
75
5.0
121
4.9
CD214B-T78A
NT
CD214B-T78CA
DT
86.7
99.7
1.0
78
5.0
126
4.7
CD214B-T85A
NV
CD214B-T85CA
DV
94.4
109
1.0
85
5.0
137
4.4
CD214B-T90A
NX
CD214B-T90CA
DX
100
116
1.0
90
5.0
146
4.1
CD214B-T100A
NZ
CD214B-T100CA
DZ
111
128
1.0
100
5.0
162
3.7
CD214B-T110A
PE
CD214B-T110CA
EE
122
140
1.0
110
5.0
177
3.4
CD214B-T120A
PG
CD214B-T120CA
EG
133
153
1.0
120
5.0
193
3.1
CD214B-T130A
PK
CD214B-T130CA
EK
144
165
1.0
130
5.0
209
2.9
CD214B-T150A
PM
CD214B-T150CA
EM
167
192
1.0
150
5.0
243
2.5
CD214B-T160A
PP
CD214B-T160CA
EP
178
205
1.0
160
5.0
259
2.3
CD214B-T170A
PR
CD214B-T170CA
ER
189
218
1.0
170
5.0
275
2.2
Notes:
1. Suffix ‘A’ denotes a 5 % tolerance device.
3. For bidirectional devices with a VR of 10 volts or less, the IR limit is double.
2. Suffix ‘CA’ denotes a 5 % tolerance bidirectional device.
4. For unidirectional devices with a VF max. of 3.5 V at an IF of 35 A, 0.5 Sine Wave
of 8.3 ms Pulse Width.
Compliance
IEC 61000-4-2 ESD (Min. Level 4)
IEC 61000-4-4 EFT
IEC 61000-4-5 Surge


Numéro de pièce similaire - CD214B-T120A

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CD214B-T120A BOURNS-CD214B-T120A Datasheet
225Kb / 5P
   CD214B Transient Voltage Suppressor Diode Series
CD214B-T120A BOURNS-CD214B-T120A Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
SUNMATE electronic Co.,...
CD214B-T120A SUNMATE-CD214B-T120A Datasheet
510Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results

Description similaire - CD214B-T120A

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CD214B BOURNS-CD214B Datasheet
225Kb / 5P
   CD214B Transient Voltage Suppressor Diode Series
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com