Moteur de recherche de fiches techniques de composants électroniques |
|
CD214B-T70A Fiches technique(PDF) 3 Page - Bourns Electronic Solutions |
|
CD214B-T70A Fiches technique(HTML) 3 Page - Bourns Electronic Solutions |
3 / 5 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. CD214B Transient Voltage Suppressor Diode Series Product Dimensions Recommended Pad Layout Physical Specifications Case ............................................Molded plastic per UL Class 94V-0 Polarity ........................Cathode band indicates unidirectional device No cathode band indicates bidirectional device Weight ....................................................0.003 ounces / 0.093 grams Dimension SMB (DO-214AA) A 4.06 - 4.57 (0.160 - 0.180) B 3.30 - 3.94 (0.130 - 0.155) C 1.96 - 2.21 (0.077 - 0.087) D 0.15 - 0.31 (0.006 - 0.112) E 5.21 - 5.59 (0.205 - 0.220) F 0.05 - 0.20 (0.002 - 0.008) G 2.01 - 2.62 (0.080 - 0.103) H 0.76 - 1.52 (0.030 - 0.060) B G F D C H E A A C B MM (INCHES) DIMENSIONS: Dimension SMB (DO-214AA) A (Max.) 2.69 (0.106) B (Min.) 2.10 (0.083) C (Min.) 1.27 (0.050) MM (INCHES) DIMENSIONS: |
Numéro de pièce similaire - CD214B-T70A |
|
Description similaire - CD214B-T70A |