Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT2300 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce CAT2300
Description  SENSEFET Current Monitor SENSEFET Current Monitor TDFN??
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT2300 Fiches technique(HTML) 4 Page - ON Semiconductor

  CAT2300 Datasheet HTML 1Page - ON Semiconductor CAT2300 Datasheet HTML 2Page - ON Semiconductor CAT2300 Datasheet HTML 3Page - ON Semiconductor CAT2300 Datasheet HTML 4Page - ON Semiconductor CAT2300 Datasheet HTML 5Page - ON Semiconductor CAT2300 Datasheet HTML 6Page - ON Semiconductor CAT2300 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CAT2300
http://onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Load Step: 1 A – 10 A
50 ms / div
IBus
VMEAS
PIN DESCRIPTION
Sense
Sense connects directly to the SENSEFET’s Sense pin and
directs the sensed current to the IMEAS output. Sense is
controlled by an amplifier with a FET follower stage to
maintain Sense at exactly the Kelvin voltage, thus insuring
accuracy of the SENSEFET’s mirror current.
KS
KS = Kelvin Sense; a Kelvin connection for the mirroring
amplifier. Current measurement accuracy is dependent upon
the voltage match between the SENSEFET’s Sense and
Kelvin leads. To minimize voltage losses in the PCB trace
between CAT2300 and the SENSEFET, a Kelvin connection
for the control amplifier is provided. KS must be a
dedicated connection, shared by no other circuitry, and
tied directly to the Sense pin on of the SENSEFET.
Figure 4. Current Sense
SENSEFET
SENSEFET
SENSEFET
Careful layout is critical in achieving full SENSEFET
perfomance. PCB trace resistance can no longer be ignored
as it can be in typical low current circuit designs. Microvolt
offsets (
mV) produce meaningful errors in current ratio
tracking. A few milliohms of trace resistance carrying a few
milliamps of current produces microvolts of potential
difference between CAT2300 and the SENSEFET. To
circumvent this error CAT2300 provides a Kelvin lead (KS)
for monitoring the SENSEFET’s Sense pin. Under no
circumstances should the KS connection share any portion
of the current path between the sense pins of CAT2300 and
the SENSEFET. Doing so will degrade measurement
accuracy.
Kelvin
Kelvin connects directly to the SENSEFET’s Kelvin pin
and acts the reference voltage for CAT2300’s mirroring
circuit. It too must be a dedicated connection, shared by no
other circuitry.
Gate
Gate connects to the SENSEFET’s Gate pin and controls
the SENSEFET’s operation. Gate is controlled by EN: a
logic 1 turns the SENSEFET ON, a logic 0 turns it OFF.
When ON, voltage is applied to the SENSEFET’s gate via
a current source inside CAT2300.
By controlling the gate drive current a controlled turn-ON
is achieved. Faster turn-on times can be done by adding a
supplemental current source to augment the internal current
source. Placing a resistor between VDD and Gate will
provide extra current and boost turn-on speeds.
For a softer turn-on characteristic, add capacitance
between the SENSEFET’s Gate and Source pins;
approximately 1 nF for every ms of increased delay.
When switching OFF the SENSEFET, Gate provides a
strong pull-down, 7.5 mA typical, so the SENSEFET will be
switched off quickly.


Numéro de pièce similaire - CAT2300

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10 Datasheet
70Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
CAT22C10 CATALYST-CAT22C10 Datasheet
508Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10 ONSEMI-CAT22C10 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
logo
Catalyst Semiconductor
CAT22C10J-20-TE13 CATALYST-CAT22C10J-20-TE13 Datasheet
508Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
CAT22C10J-20TE13 CATALYST-CAT22C10J-20TE13 Datasheet
70Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com