Moteur de recherche de fiches techniques de composants électroniques |
|
74HCT32PW Fiches technique(PDF) 6 Page - NXP Semiconductors |
|
74HCT32PW Fiches technique(HTML) 6 Page - NXP Semiconductors |
6 / 17 page 74HC_HCT32 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 5 — 4 September 2012 6 of 17 NXP Semiconductors 74HC32; 74HCT32 Quad 2-input OR gate 10. Dynamic characteristics ICC supply current VI = VCC or GND; IO =0A; VCC =5.5 V -- 2.0 - 20 - 40 A I CC additional supply current per input pin; VI =VCC 2.1 V; IO =0A; other inputs at VCC or GND; VCC = 4.5 V to 5.5 V - - 430 - 540 - 590 A CI input capacitance -3.5 - - - - - pF Table 6. Static characteristics …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions 25 C 40 C to +85 C 40 C to +125 C Unit Min Typ Max Min Max Min Max Table 7. Dynamic characteristics GND = 0 V; CL = 50 pF; for load circuit see Figure 7. Symbol Parameter Conditions 25 C 40 C to +125 C Unit Min Typ Max Max (85 C) Max (125 C) 74HC32 tpd propagation delay nA, nB to nY; see Figure 6 [1] VCC = 2.0 V - 22 90 115 135 ns VCC = 4.5 V - 8 18 23 27 ns VCC = 5.0 V; CL =15pF - 6 - - - ns VCC = 6.0 V - 6 15 20 23 ns tt transition time see Figure 6 [2] VCC = 2.0 V - 19 75 95 110 ns VCC = 4.5 V - 7 15 19 22 ns VCC = 6.0 V - 6 13 16 19 ns CPD power dissipation capacitance per package; VI =GND to VCC [3] -16- - - pF |
Numéro de pièce similaire - 74HCT32PW |
|
Description similaire - 74HCT32PW |