Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML2003IQ Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce ML2003IQ
Description  Logarithmic Gain/Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML2003IQ Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  ML2003IQ Datasheet HTML 1Page - Fairchild Semiconductor ML2003IQ Datasheet HTML 2Page - Fairchild Semiconductor ML2003IQ Datasheet HTML 3Page - Fairchild Semiconductor ML2003IQ Datasheet HTML 4Page - Fairchild Semiconductor ML2003IQ Datasheet HTML 5Page - Fairchild Semiconductor ML2003IQ Datasheet HTML 6Page - Fairchild Semiconductor ML2003IQ Datasheet HTML 7Page - Fairchild Semiconductor ML2003IQ Datasheet HTML 8Page - Fairchild Semiconductor ML2003IQ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ML2003, ML2004
PRODUCT SPECIFICATION
2
REV. 1.1.1 3/19/01
Pin Description
Absolute Maximum Ratings1
Name
Function
C3
In serial mode, pin is unused. In parallel mode, coarse gain select bit. Pin has internal pulldown
resistor to GND.
(LATI) C2
In serial mode, input latch clock which loads the data from the shift register into the latch.
In parallel mode, coarse gain select bit. Pin has internal pulldown resistor to GND.
(SID) C1
In serial mode, serial data input that contains serial 9 bit data word which controls the gain
setting. In parallel mode, coarse gain select bit. Pin has internal pulldown resistor to GND.
(LATO) C0
In serial mode, output latch clock which loads the 9 bit data word back into the shift register from
the latch. In parallel mode, coarse gain select bit. Pin has internal pulldown resistor to GND.
PDN
Powerdown input. When PDN = 1, device is in powerdown mode. When PDN = 0, device is in
normal operation. Pin has internal pulldown resistor to GND.
F3
In serial mode, pin is unused. In parallel mode, fine gain select bit. Pin has internal pulldown
resistor to GND.
(SCK) F2
In serial mode, shift register clock which shifts the serial data on SID into the shift register on
rising edges and out on SOD on falling edges. In parallel mode, fine gain select bit. Pin has
internal pulldown resistor to GND.
F1
In serial mode, pin is unused. In parallel mode, fine gain select bit. Pin has internal pulldown
resistor to GND.
GND
Digital ground. 0 volts. All digital inputs and outputs are referenced to this ground.
SER/PAR
Serial or parallel select input. When SER/PAR = 1, device is in serial mode.
When SER/PAR = 0, device is in parallel mode. Pin has internal pullup resistor to VCC.
(SOD) F0
In serial mode, serial output data which is the output of the shift register. In parallel mode, fine
gain select bit. Pin has internal pulldown resistor to GND.
VIN
Analog input.
AGND
Analog ground. 0 volts. Analog input and output are referenced to this ground.
VSS
Negative supply. –5 volts ±10%.
VOUT
Analog output.
VCC
Positive supply. +5 volts ±10%.
ATTEN/GAIN
In serial mode, pin is unused. In parallel mode, attenuation/gain select bit. Pin has internal
pulldown resistor to GND.
Parameter
Min.
Max.
Units
Supply Voltage
VCC
VSS
+6.5
-6.5
V
V
AGND with respect to GND
±0.5
V
Analog Input and Output
VSS –0.3V
VCC +0.3
V
Digital Input and Outputs
GND –0.3
VCC +0.3
V
Input Current Per Pin
±25
mA
Power Dissipation
750
mW
Storage Temperature Range
-65
+150
°C
Lead Temeperature (Soldering, 10 sec)
300
°C


Numéro de pièce similaire - ML2003IQ

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML2003IQ MICRO-LINEAR-ML2003IQ Datasheet
2Mb / 12P
   Logarithmic Gain/Attenuator
More results

Description similaire - ML2003IQ

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML2003 MICRO-LINEAR-ML2003 Datasheet
2Mb / 12P
   Logarithmic Gain/Attenuator
ML2008 MICRO-LINEAR-ML2008 Datasheet
155Kb / 11P
   關P Compatible Logarithmic Gain/Attenuator
logo
Intersil Corporation
AN49.0 INTERSIL-AN49.0 Datasheet
155Kb / 2P
   Digital Audio Amplifier Gain Control using Logarithmic
logo
Dallas Semiconductor
DS1800 DALLAS-DS1800 Datasheet
428Kb / 14P
   Dual Inverting Log Gain/Attenuator
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Analog Devices
HMC948LP3E AD-HMC948LP3E Datasheet
654Kb / 8P
   LOGARITHMIC DETECTOR
logo
Texas Instruments
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Analog Devices
HMC1094 AD-HMC1094 Datasheet
563Kb / 14P
   Logarithmic Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com