Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJE340 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce MJE340
Description  High Voltage General Purpose Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MJE340 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  MJE340 Datasheet HTML 1Page - Fairchild Semiconductor MJE340 Datasheet HTML 2Page - Fairchild Semiconductor MJE340 Datasheet HTML 3Page - Fairchild Semiconductor MJE340 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, February 2001
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Safe Operating Area
Figure 4. Power Derating
1
10
100
1000
1
10
100
1000
V
CE = 2V
I
C[A], COLLECTOR CURRENT
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
IC = 10IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
1
10
100
0.01
0.1
1
10
DC
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
4
8
12
16
20
24
28
32
Tc[
o
C], CASE TEMPERATURE


Numéro de pièce similaire - MJE340

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MJE340 MOTOROLA-MJE340 Datasheet
117Kb / 4P
   0.5 AMPERE POWER TRANSISTOR NPN SILICON 300 VOLTS 20 WATTS
logo
STMicroelectronics
MJE340 STMICROELECTRONICS-MJE340 Datasheet
66Kb / 5P
   COMPLEMETARY SILICON POWER TRANSISTORS
MJE340 STMICROELECTRONICS-MJE340 Datasheet
502Kb / 5P
   COMPLEMETARY SILICON POWER TRANSISTORS
April 2003
logo
Savantic, Inc.
MJE340 SAVANTIC-MJE340 Datasheet
98Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
MJE340 ONSEMI-MJE340 Datasheet
73Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 11
More results

Description similaire - MJE340

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MJE350 FAIRCHILD-MJE350 Datasheet
36Kb / 4P
   High Voltage General Purpose Applications
logo
Diodes Incorporated
KSE350STU DIODES-KSE350STU Datasheet
43Kb / 4P
   High Voltage General Purpose Applications
logo
Fairchild Semiconductor
KSE340S FAIRCHILD-KSE340S Datasheet
43Kb / 4P
   High Voltage General Purpose Applications
KSE350S FAIRCHILD-KSE350S Datasheet
43Kb / 4P
   High Voltage General Purpose Applications
KSE340 FAIRCHILD-KSE340 Datasheet
38Kb / 4P
   High Voltage General Purpose Applications
KSE350 FAIRCHILD-KSE350 Datasheet
38Kb / 4P
   High Voltage General Purpose Applications
logo
New Jersey Semi-Conduct...
BCY70 NJSEMI-BCY70 Datasheet
106Kb / 3P
   GENERAL PURPOSE APPLICATIONS
logo
Micross Components
HMC338 MICROSS-HMC338 Datasheet
949Kb / 11P
   General Purpose Applications
logo
Fairchild Semiconductor
KSC2001 FAIRCHILD-KSC2001 Datasheet
25Kb / 3P
   General Purpose Applications
logo
STMicroelectronics
2N720A STMICROELECTRONICS-2N720A Datasheet
42Kb / 4P
   HIGH VOLTAGE GENERAL PURPOSE
October 1988
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com