Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UF1000FCT Datasheet(Fiches technique) 2 Page - Yea Shin Technology Co., Ltd

Numéro de pièce UF1000FCT
Description  ISOLATION UL TRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  YEASHIN [Yea Shin Technology Co., Ltd]
Site Internet  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF1000FCT Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  UF1000FCT Datenblatt HTML 1Page - Yea Shin Technology Co., Ltd UF1000FCT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGAND CHARACTERIS TICCURVES
(+)
25Vdc
(approx)
(-)
OSCILLOSCCOPE
NOTE 1
1.Rise Time=7ns max
Input Impedance=1 megohm. 22pF
2. Rise Time=10ns max.
Source Impedance = 50 Ohms
1
Non
inductive
50
Noninductive
10
Noninductive
PULSE
GENERATOR
NOTE 2
(-)
(+)
+0.5A
0
-0.25
-1.0
SET TIME BASE
FOR10ns/cm
1cm
t
rr
Fig. 2- FORWARD CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
Fig.4-PEAK FORWARD SURGECURRENT
Fig.3-FORWARD CURRENTDERATING CURVE
80
40
20
1
10
100
NOTES:
Fig.1-REVERSERECOVERY TIME CHARACTERISTIC AND TEST CIRCUITDIAGRAM
10
1
0.1
0.01
.4
.6
.8
1.0
1.2
1.6
1.8
FORWARD VOLTAGE , VOLTS
60
T=25 C
J
O
140
100
120
1.4
%of PIV. VOLTS
Fig.5- TYPICAL REVERSE CHARACTERISTICS
1000
100
1.0
20
40
60
80
100
120
T = 25 C
J
O
T = 125 C
J
O
140
0.1
CASE TEMPERATURE, C
O
0
50
100
150
12.5
10.0
7.5
5.0
2.5
0
100
2.0
10
Fig.6-TYPICAL JUNCTION CAPACIT ANCE
REVERSE VOLTAGE,VOLTS
1
2
5 10 20
50 100
200
160
120
80
240
40
0
200 500
T = 25 C
J
O
600-800V
300-400V
50-200V
UF1000FCT~UF1008FCT
http://www.yeashin.com
2
REV.02 20110725


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn