Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UF1001 Datasheet(Fiches technique) 1 Page - Yea Shin Technology Co., Ltd

Numéro de pièce UF1001
Description  ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  YEASHIN [Yea Shin Technology Co., Ltd]
Site Internet  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF1001 Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  UF1001 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF1001 Datenblatt HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ULTRAFAST SWITCHING RECTIFIER
VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes
FEATURES
?Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing
Flame Retardant Epoxy Molding Compound
?Exceeds environmental standards of MIL-S-19500/228
?Low power loss, high efficiency
?Low forward voltage, high current capability
?High surge capacity
?Ultra Fast recovery times, high voltage
High temperature soldering : 260
?
OC / 10 seconds at terminals
? Pb free product at available : 99% Sn above meet RoHS environment
substance directive request
MECHANCALDATA
?Case: TO-220AC molded plastic
?Terminals: Lead solderable per MIL-STD-202, Method 208
?Polarity: As marked
?Mounting Position: Any
?Weight: 0.08 ounce, 2.24 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 OC J ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
TYPE NUMBER
UF1000
UF1001
UF1002
UF1003
UF1004
UF1006
UF1008
UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
300
400
600
800
V
Maximum RMS Voltage
35
70
140
210
280
420
560
V
Maximum DC Blocking Voltage
50
100
200
300
400
600
800
V
Maximum Average Forward Rectified
Current .375?(9.5mm) lead length @ TC=100
A
0
1
Peak Forward Surge Current, 8.3ms single half sine
wave superimposed on rated load(JECEC method)
A
0
5
1
Maximum Instantaneous Forward Voltage at 10.0A
1.0
1.3
1.7
V
Maximum DC Reverse Current
@TA=25
at Rated DC Blocking Voltage
@TA=125
10.0
500
?A
?A
Maximum Reverse Recovery Time(Note 1)
50
75
ns
Typical Junctioncap acitance (Note 2)
80
50
pF
Typical Junction Resi stance (Note 2) R
?JA
15
Operating and Storage Temperature Range TJ,TSTG
-55 to +150
NOTES:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC
3. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted
TO-220AC Unit:inch(mm)
.419(10.66)
MAX
.196(5.0)
.163(4.16)
.054(1.39)
.045(1.15)
.114(2.9)
.098(2.5)
.025(0.65)
MAX
.139(3.55)
.MIN
DIA
PIN1
3
2
.177(4.5)
.MAX
.038(0.96)
.019(.5)
.100(2.54)
.624(15.87)
.548(13.93)
.50(12.7)
MAX
.269(6.85)
.226(5.75)
DATA SHEET
UF1000~UF1008
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
C
C/W
C
C
SYMBOL
VF
IR
TSTG
C


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn