Moteur de recherche de fiches techniques de composants électroniques |
|
TC164-JR-139M76 Fiches technique(PDF) 5 Page - YAGEO Corporation |
|
TC164-JR-139M76 Fiches technique(HTML) 5 Page - YAGEO Corporation |
5 / 8 page SERIES YC/TC 164 (RoHS Compliant) Chip Resistor Surface Mount www.yageo.com Oct 27, 2008 V.3 Product specification 5 8 FOOTPRINT AND SOLDERING PROFILES For recommended footprint and soldering profiles, please see the special data sheet “Chip resistors mounting”. ELECTRICAL CHARACTERISTICS CHARACTERISTICS YC/TC164 1/16 W Operating Temperature Range –55 °C to +155 °C Maximum Working Voltage 50 V Maximum Overload Voltage 100 V Dielectric Withstanding Voltage 100 V YC164 1 Ω to 1 MΩ TC164 10 Ω to 1 MΩ Resistance Range 5% (E24), 1% (E24/E96) Zero Ohm Jumper < 0.05 Ω Temperature Coefficient ±200 ppm/°C Rated Current 1.0 A Jumper Criteria Maximum Current 2.0 A Table 2 MLB206_2 70 100 55 50 Tamb( C) o (%P ) rated 0 0 50 100 155 P handbook, halfpage FUNCTIONAL DESCRIPTION P PO OW WE ER R R RA AT TIIN NG G YC/TC 164 rated power at 70 °C is 1/16 W RATED VOLTAGE The DC or AC (rms) continuous working voltage corresponding to the rated power is determined by the following formula: V=√(P X R) or max. working voltage whichever is less Where V=Continuous rated DC or AC (rms) working voltage (V) P=Rated power (W) R=Resistance value (X) Fig. 8 Maximum dissipation (P) in percentage of rated power as a function of the operating ambient temperature (Tamb) PACKING STYLE AND PACKAGING QUANTITY PRODUCT TYPE PACKING STYLE REEL DIMENSION QUANTITY PER REEL YC/TC164 Paper Taping Reel (R) 7" (178 mm) 5,000 units 10" (254 mm) 10,000 units 13" (330 mm) 20,000 units NOTE 1. For paper tape and reel specification/dimensions, please see the special data sheet “Chip resistors packing”. Table 3 Packing style and packaging quantity |
Numéro de pièce similaire - TC164-JR-139M76 |
|
Description similaire - TC164-JR-139M76 |