Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM1735F Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce AM1735F
Description  HIGH CONTACT CAPACITY, PRECISE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AM1735F Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  AM1735F Datasheet HTML 1Page - Panasonic Semiconductor AM1735F Datasheet HTML 2Page - Panasonic Semiconductor AM1735F Datasheet HTML 3Page - Panasonic Semiconductor AM1735F Datasheet HTML 4Page - Panasonic Semiconductor AM1735F Datasheet HTML 5Page - Panasonic Semiconductor AM1735F Datasheet HTML 6Page - Panasonic Semiconductor AM1735F Datasheet HTML 7Page - Panasonic Semiconductor AM1735F Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AM1
PRODUCT TYPES
1. Standard type
2. Oil tight types
Remarks: 1. Standard part number indicates UL/C-UL mark.
2. Standard packing for inner carton: 20cps.
SPECIFICATIONS
1. Contact Rating
2. Characteristics
Actuator
Solder terminal
Screw terminal
Pin plunger
AM1100F
AM1300F
Over travel plunger
AM1105F
AM1305F
Compact over travel plunger
AM1106F
AM1306F
Panel mount plunger
AM1107F
AM1307F
Panel mount roller plunger
AM110811F
AM130811F
Panel mount cross roller plunger
AM110812F
AM130812F
Flexible leaf lever
AM1101F
AM1301F
Flexible roller leaf lever
AM1103F
AM1303F
Rigid lever
AM1501F
AM1701F
Rigid short roller lever
AM1504F
AM1704F
Rigid roller lever
AM1503F
AM1703F
One way type•Rigid short roller lever
AM1544F
AM1744F
One way type•Rigid roller lever
AM1543F
AM1743F
Reversed action type•Rigid lever
AM1531F
AM1731F
Reversed action type •Rigid short roller lever
AM1534F
AM1734F
Reversed action type•Rigid roller lever
AM1533F
AM1733F
Actuator
Solder terminal
Screw terminal
Rigid lever
AM1511F
AM1711F
Rigid short roller lever
AM1514F
AM1714F
Rigid roller lever
AM1513F
AM1713F
Type
Voltage
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.6 to 0.7)
Motor or lamp load
N.C.
N.O.
Standard types
One way types
Reversed action types
125 V AC
10 A
6 A
3 A
1.5 A
250 V AC
10 A
6 A
2 A
1 A
480 V AC
1 A
0.5 A
125 V DC
0.5 A
0.05 A
250 V DC
0.25 A
0.03 A
Oil tight types
125 V AC
10 A
6 A
3 A
1.5 A
250 V AC
10 A
6 A
2 A
1.0 A
125 V DC
0.5 A
0.05 A
Item
Specifications
Expected
life
Mechanical
Pin plunger types (O.T.: specified value)
Min. 2
×107 (60 cpm) (at rated overtravel)
(Oil tight: Min. 1.5
×106)
Other types (O.T.: specified value)
Min. 5
×106 (60 cpm) (at rated overtravel)
(Oil tight: Min. 1.5
×106)
Electrical (O.T.: Max.)
Min. 5
×105 (20 cpm) (at rated load)
(Oil tight: Min. 1.5
×105)
Insulation resistance
Min. 100 M
Ω(at 500 V DC)
Dielectric
strength
Between open terminals
1,000 Vrms for 1 min.
Between each terminal and other exposed metal parts
2,000 Vrms for 1 min.
Between each terminal and ground
2,000 Vrms for 1 min.
Contact resistance (initial) (by voltage drop, 1 A, 6–8 V DC)
Max. 50 m
Vibration resistance (Pin plunger type)
Single amplitude: 0.75 mm, 10 to 55 Hz (contact opening: max. 1 msec.)
Shock
resistance
Pin plunger types
Min. 300 m/s2 (contact opening: max. 1 msec.)
Other types
Min. 50 m/s2 (contact opening: max. 1 msec.)
Allowable operating speed (at no load)
0.1 to 1,000 mm/sec. (at pin plunger position)
Max. operating cycle rate (at no load)
240 cpm
Ambient temperature
–25
°C to +80°C (no freezing at low temperature)
Weight
Approx. 20 to 55 g
AECTB8E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Numéro de pièce similaire - AM1735F

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AM1702A ETC1-AM1702A Datasheet
257Kb / 7P
   256 X 8 BIT PROGRAMMABLE ROM
AM1702A-1 ETC1-AM1702A-1 Datasheet
257Kb / 7P
   256 X 8 BIT PROGRAMMABLE ROM
AM1702A-2 ETC1-AM1702A-2 Datasheet
257Kb / 7P
   256 X 8 BIT PROGRAMMABLE ROM
AM1702AL ETC1-AM1702AL Datasheet
257Kb / 7P
   256 X 8 BIT PROGRAMMABLE ROM
AM1702AL-1 ETC1-AM1702AL-1 Datasheet
257Kb / 7P
   256 X 8 BIT PROGRAMMABLE ROM
More results

Description similaire - AM1735F

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FXE ETC2-FXE Datasheet
54Kb / 2P
   Low Profile Compact Size / High Contact Capacity
logo
DB Lectro Inc
NVF4-5 DBLECTRO-NVF4-5_05 Datasheet
294Kb / 2P
   Contact load capacity up to 30A
NVF4-6 DBLECTRO-NVF4-6 Datasheet
327Kb / 2P
   Contact load capacity up to 150A
NVF4-5 DBLECTRO-NVF4-5 Datasheet
119Kb / 2P
   Contact load capacity up to 30A
logo
Panasonic Semiconductor
AEV110122 PANASONIC-AEV110122 Datasheet
203Kb / 9P
   Capsule contact Mechanism and High-capacity Cut-off Compact Relay
logo
Grayhill, Inc
05001-02 GRAYHILL-05001-02 Datasheet
59Kb / 1P
   High Contact Force Provides Stable Electrical and Mechanical Operation
logo
BCD Semiconductor Manuf...
AZ574 BCDSEMI-AZ574 Datasheet
109Kb / 2P
   33V HIGH PRECISE VOLTAGE REFERENCE
logo
ALPS ELECTRIC CO.,LTD.
SKPR ALPS-SKPR Datasheet
935Kb / 3P
   High Operation Force, Low Contact Resistance (Surface Mount Type)
logo
Mospec Semiconductor
HER206 MOSPEC-HER206 Datasheet
58Kb / 2P
   High Surge Capacity
logo
Shanghai Shunye Electro...
MBR2070CT SHUNYE-MBR2070CT Datasheet
259Kb / 2P
   High surge capacity
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com