Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM1135F Datasheet(Fiches technique) 6 Page - Panasonic Semiconductor

Numéro de pièce AM1135F
Description  HIGH CONTACT CAPACITY, PRECISE OPERATION
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AM1135F Datasheet(HTML) 6 Page - Panasonic Semiconductor

  AM1135F Datenblatt HTML 1Page - Panasonic Semiconductor AM1135F Datenblatt HTML 2Page - Panasonic Semiconductor AM1135F Datenblatt HTML 3Page - Panasonic Semiconductor AM1135F Datenblatt HTML 4Page - Panasonic Semiconductor AM1135F Datenblatt HTML 5Page - Panasonic Semiconductor AM1135F Datasheet HTML 6Page - Panasonic Semiconductor AM1135F Datenblatt HTML 7Page - Panasonic Semiconductor AM1135F Datenblatt HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AM1
Rigid lever
mm General tolerance:
±0.4
AM1501F (Solder terminal)
AM1701F (Screw terminal)
26.1
20.1
±0.5
F.P.
O.P.
R63.5
Lever: Stainless steel
4.8
Operating force,
max.
0.69 N
Release force,
min.
0.14 N
Pretravel,
max. mm
10
Movement differential,
max. mm
1.3
Overtravel,
min. mm
5.6
Operating position,
mm
19.1
±0.7
CAD Data
Rigid short roller lever
AM1504F (Solder terminal)
AM1704F (Screw terminal)
26.1
20.1
±0.5
F.P.
O.P.
R26.7
Roller 9.5 dia.
×4:
Plastic
Operating force,
max.
1.57 N
Release force,
min.
0.42 N
Pretravel,
max. mm
4.5
Movement differential,
max. mm
0.7
Overtravel,
min. mm
2.4
Operating position,
mm
30.2
±0.4
CAD Data
Rigid roller lever
AM1503F (Solder terminal)
AM1703F (Screw terminal)
26.1
20.1
±0.5
F.P.
O.P.
R48.3
Roller 9.5 dia.
×4:
Plastic
Operating force,
max.
0.98 N
Release force,
min.
0.2 N
Pretravel,
max. mm
7.5
Movement differential,
max. mm
1.3
Overtravel,
min. mm
3.6
Operating position,
mm
30.2
±0.7
CAD Data
2. One way types
This type is operated only to one direction, not to the reversed direction by the construction of the roller lever, pivoting away from the
cam on the return stroke.
Rigid short roller lever
AM1544F (Solder terminal)
AM1744F (Screw terminal)
26.1
27.8 max.
20.1
±0.5
F.P.
O.P.
R21.1
Roller 4.75 dia.
×4.75:
Plastic
Operating force,
max.
2.23 N
Release force,
min.
0.42 N
Pretravel,
max. mm
3.5
Movement differential,
max. mm
0.4
Overtravel,
min. mm
1.5
Operating position,
mm
30.2
±0.4
CAD Data
AECTB8E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn