Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7623BSTZ-P Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADV7623BSTZ-P
Description  HDMI Transceiver with Fast Port Switching
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7623BSTZ-P Fiches technique(HTML) 4 Page - Analog Devices

  ADV7623BSTZ-P Datasheet HTML 1Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 2Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 3Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 4Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 5Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 6Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 7Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 8Page - Analog Devices ADV7623BSTZ-P Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADV7623
Data Sheet
Rev. D | Page 4 of 16
SPECIFICATIONS
CVDD = 1.8 V ± 5%, DVDD = 1.8 V ± 5%, DVDDIO = 3.3 V ± 5%, PVDD = 1.8 V ± 5%, TVDD = 3.3 V ± 5%, TXAVDD = 1.8 V ± 5%,
TXPVDD = 1.8 V ± 5%, TXPLVDD = 1.8 V ± 5%, TMIN to TMAX = 0°C to 70°C.
DIGITAL, HDMI, AND AC SPECIFICATIONS
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL INPUTS
Input High Voltage (VIH)
2
V
Input Low Voltage (VIL)
0.8
V
Input Current (IIN)
RESET, EP_MISO, ALSB and CS pins
−60
+60
µA
Other digital inputs
−10
+10
µA
Input Capacitance (CIN)
10
pF
DIGITAL INPUTS (5 V TOLERANT)1
Input High Voltage (VIH)
2.6
V
Input Low Voltage (VIL)
0.8
V
Input Current (IIN)
−82
+82
µA
DIGITAL OUTPUTS
Output High Voltage (VOH)
2.4
V
Output Low Voltage (VOL)
0.4
V
High Impedance Leakage Current (ILEAK)
10
µA
Output Capacitance (COUT)
20
pF
HDMI
TMDS Differential Pin Capacitance
0.3
pF
AC SPECIFICATIONS
Input Specifications
Intrapair (+ to −) Differential Input Skew for
TMDS Clock Rates up to 222.75 MHz
0.4 tBIT
ps
Intrapair (+ to −) Differential Input Skew for
TMDS Clock Rates Above 222.75 MHz
0.15 tBIT + 112
ps
Channel-to-Channel Differential Input Skew
0.2 tPIXEL + 1.78
ns
TMDS Input Clock Range
25
225
MHz
TMDS Input Clock Jitter Tolerance
0.5
0.25
tBIT
Output Specifications
TMDS Output Clock Frequency
20
225
MHz
TMDS Output Clock Duty Cycle
48
52
%
TMDS Output Differential Swing
900
1100
1200
mV
Differential Output Timing
Low-to-High Transition Time
75
175
ps
High-to-Low Transition Time
75
175
ps
1
The following pins are 5 V tolerant: DDCA_SCL, DDCA_SDA, DDCB_SCL, DDCB_SDA, DDCC_SCL, DDCC_SDA, DDCD_SCL, DDCD_SDA, TXDDC_SDA, TXDDC_SCL,
HP_CTRLA, HP_CTRLB, HP_CTRLC, HP_CTRLD, HPD_ARC−, 5V_DETA, 5V_DETB, 5V_DETC, 5V_DETD, PWRDN, CEC, ARC+.


Numéro de pièce similaire - ADV7623BSTZ-P

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
   HDMI Transceiver with Fast Port Switching
Rev. SpA
More results

Description similaire - ADV7623BSTZ-P

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
   HDMI Transceiver with Fast Port Switching
Rev. SpA
ADV7844 AD-ADV7844_12 Datasheet
401Kb / 32P
   Quad HDMI Fast Switching Receiver
ADV7622BSTZ AD-ADV7622BSTZ Datasheet
287Kb / 16P
   HDMI Transceiver
REV. D
logo
STMicroelectronics
AN1301 STMICROELECTRONICS-AN1301 Datasheet
160Kb / 8P
   SINGLE PORT FAST ETHERNET TRANSCEIVER
logo
Intel Corporation
LXT9761 INTEL-LXT9761 Datasheet
1Mb / 78P
   Fast Ethernet 10/100 Multi-Port Transceiver with RMII
logo
Level One
HVE-9008 LVL1-HVE-9008 Datasheet
210Kb / 3P
   HDSpider 8-Port Cat.5 HDMI Sender with Local HDMI
logo
Intel Corporation
LXT9762 INTEL-LXT9762 Datasheet
1Mb / 78P
   Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
logo
Pericom Semiconductor C...
PI3HDMI2410 PERICOM-PI3HDMI2410 Datasheet
508Kb / 15P
   4-Port HDMI Signal Switch with Control
logo
Silicon image
SII9287B SILICONIMAGE-SII9287B Datasheet
429Kb / 8P
   HDMI Port Processor with InstaPort Viewing Technology
logo
IOGEAR
GHDSW4K4 IOGEAR-GHDSW4K4 Datasheet
161Kb / 3P
   4K 4-Port HDMI Switch with Remote
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com