Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7623BSTZ Fiches technique(PDF) 1 Page - Analog Devices

No de pièce ADV7623BSTZ
Description  HDMI Transceiver with Fast Port Switching
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7623BSTZ Fiches technique(HTML) 1 Page - Analog Devices

  ADV7623BSTZ Datasheet HTML 1Page - Analog Devices ADV7623BSTZ Datasheet HTML 2Page - Analog Devices ADV7623BSTZ Datasheet HTML 3Page - Analog Devices ADV7623BSTZ Datasheet HTML 4Page - Analog Devices ADV7623BSTZ Datasheet HTML 5Page - Analog Devices ADV7623BSTZ Datasheet HTML 6Page - Analog Devices ADV7623BSTZ Datasheet HTML 7Page - Analog Devices ADV7623BSTZ Datasheet HTML 8Page - Analog Devices ADV7623BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
HDMI Transceiver with
Fast Port Switching
Data Sheet
ADV7623
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
4-input, 1-output multiplexed HDMI transceiver
Xpressview fast switching on all HDMI input ports
Character- and icon-based on-screen display (OSD)
High-Bandwidth Digital Content Protection (HDCP 1.4)
HDCP repeater support
225 MHz HDMI Rx and Tx support 36-/30-/24-bit Deep Color
Supports DVI RGB graphics up to 1600 × 1200 at 60 Hz
Ultralow jitter digital PLL (100% deskew)
Quad HDMI Rx input
Format details available on all unselected ports
Adaptive equalizer for cable lengths up to 30 meters
Internal extended display identification data (EDID) RAM
EDID replication (512 bytes per port)
EDID with HDMI cable 5 V power support
5 V detect inputs
Hot plug assertion control pins
Single HDMI Tx output
EDID data extraction
Hot plug detect (HPD) input
Audio support
HDMI-compatible audio interface
Dedicated flexible audio input/output port
S/PDIF (IEC 60958-compatible) digital audio input/output
Super audio CD (SACD) with DSD input/output interface
High bit rate (HBR) audio
Dolby® TrueHD
DTS-HD Master Audio™
Full audio input and output support
General
Interrupt controller with 3 interrupt outputs
STDI (standard identification circuit)
Software libraries, driver, and application available
2-layer PCB design supported
APPLICATIONS
AVRs
HTiB
Sound bar with HDMI repeater support
HBR enabled TVs
Other repeater applications
GENERAL DESCRIPTION
The ADV7623 is a high performance, four-input, one-output,
High-Definition Multimedia Interface (HDMI®) transceiver
that integrates HDMI receiver and transmitter functions with
digital audio I/Os onto one chip. It supports all HDCP repeater
functions through fully tested Analog Devices, Inc., repeater
software libraries and drivers.
The ADV7623 incorporates Xpressview™ fast switching on all
input HDMI ports. Using an Analog Devices hardware-based
HDCP engine that minimizes software overhead, Xpressview
technology allows fast switching between any HDMI input
ports in less than 1 second.
The ADV7623 supports all mandatory HDMI 3D TV formats in
addition to all HDTV formats up to 1080p 36-bit Deep Color. The
ADV7623 also features an integrated HDMI CEC controller that
supports capability, discovery, and control (CDC).
The ADV7623 has an integrated on-screen display (OSD) feature
that allows generation and control of high quality character- and
icon-based system status and control displays. Customers interested
in using OSD are provided with Analog Devices OSD SDK.
The ADV7623 offers a dedicated flexible audio output port and
a dedicated audio input port to allow for easy extraction and
insertion of audio data into and out of the HDMI stream. HDMI
audio formats, including SACD via DSD and compressed high
bit rate audio via HBR, are supported. The ADV7623 also features
an audio return channel (ARC) receiver. ARC simplifies cabling
by combining upstream audio capability in a conventional
HDMI cable.
Fabricated in an advanced CMOS process, the ADV7623 is
provided in a 144-lead, 20 mm × 20 mm, Pb-free LQFP and is
specified over the 0°C to 70°C temperature range.


Numéro de pièce similaire - ADV7623BSTZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
   HDMI Transceiver with Fast Port Switching
Rev. SpA
More results

Description similaire - ADV7623BSTZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
   HDMI Transceiver with Fast Port Switching
Rev. SpA
ADV7844 AD-ADV7844_12 Datasheet
401Kb / 32P
   Quad HDMI Fast Switching Receiver
ADV7622BSTZ AD-ADV7622BSTZ Datasheet
287Kb / 16P
   HDMI Transceiver
REV. D
logo
STMicroelectronics
AN1301 STMICROELECTRONICS-AN1301 Datasheet
160Kb / 8P
   SINGLE PORT FAST ETHERNET TRANSCEIVER
logo
Intel Corporation
LXT9761 INTEL-LXT9761 Datasheet
1Mb / 78P
   Fast Ethernet 10/100 Multi-Port Transceiver with RMII
logo
Level One
HVE-9008 LVL1-HVE-9008 Datasheet
210Kb / 3P
   HDSpider 8-Port Cat.5 HDMI Sender with Local HDMI
logo
Intel Corporation
LXT9762 INTEL-LXT9762 Datasheet
1Mb / 78P
   Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
logo
Pericom Semiconductor C...
PI3HDMI2410 PERICOM-PI3HDMI2410 Datasheet
508Kb / 15P
   4-Port HDMI Signal Switch with Control
logo
Silicon image
SII9287B SILICONIMAGE-SII9287B Datasheet
429Kb / 8P
   HDMI Port Processor with InstaPort Viewing Technology
logo
IOGEAR
GHDSW4K4 IOGEAR-GHDSW4K4 Datasheet
161Kb / 3P
   4K 4-Port HDMI Switch with Remote
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com