Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7623BSTZ Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADV7623BSTZ
Description  HDMI Transceiver with Fast Port Switching
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7623BSTZ Fiches technique(HTML) 5 Page - Analog Devices

  ADV7623BSTZ Datasheet HTML 1Page - Analog Devices ADV7623BSTZ Datasheet HTML 2Page - Analog Devices ADV7623BSTZ Datasheet HTML 3Page - Analog Devices ADV7623BSTZ Datasheet HTML 4Page - Analog Devices ADV7623BSTZ Datasheet HTML 5Page - Analog Devices ADV7623BSTZ Datasheet HTML 6Page - Analog Devices ADV7623BSTZ Datasheet HTML 7Page - Analog Devices ADV7623BSTZ Datasheet HTML 8Page - Analog Devices ADV7623BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADV7623
Rev. D | Page 5 of 16
DATA AND I2C TIMING CHARACTERISTICS
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
VIDEO SYSTEM CLOCK AND XTAL
Crystal Nominal Frequency
28.63636
MHz
Crystal Frequency Stability
±50
ppm
External Clock Source1
External crystal must operate at 1.8 V
Input High Voltage
VIH
XTAL driven with external clock source
1.2
V
Input Low Voltage
VIL
XTAL driven with external clock source
0.4
V
RESET FEATURE
Reset Pulse Width
5
ms
I2C PORTS (FAST MODE)
xCL Frequency2
400
kHz
xCL Minimum Pulse Width High2
t1
600
ns
xCL Minimum Pulse Width Low2
t2
1.3
µs
Hold Time (Start Condition)
t3
600
ns
Setup Time (Start Condition)
t4
600
ns
xDA Setup Time2
t5
100
ns
xCL and xDA Rise Time2
t6
300
ns
xCL and xDA Fall Time2
t7
300
ns
Setup Time (Stop Condition)
t8
0.6
µs
I2C PORTS (NORMAL MODE)
xCL Frequency2
100
kHz
xCL Minimum Pulse Width High2
t1
4.0
µs
xCL Minimum Pulse Width Low2
t2
4.7
µs
Hold Time (Start Condition)
t3
4.0
µs
Setup Time (Start Condition)
t4
4.7
µs
xDA Setup Time2
t5
250
ns
xCL and xDA Rise Time2
t6
1000
ns
xCL and xDA Fall Time2
t7
300
ns
Setup Time (Stop Condition)
t8
4.0
µs
AUDIO OUTPUT PORT (MASTER MODE)
SCLK Mark Space Ratio
t13:t14
45:55
55:45
% duty
cycle
APx_OUT Data Transition Time (LRCLK)3
t15
End of valid data to negative SCLK edge
10
ns
APx_OUT Data Transition Time (LRCLK)3
t16
Negative SCLK edge to start of valid data
10
ns
APx_OUT Data Transition Time (I2S Data)3
t17
End of valid data to negative SCLK edge
5
ns
APx_OUT Data Transition Time (I2S Data)3
t18
Negative SCLK edge to start of valid data
5
ns
AUDIO INPUT PORT
APx_IN Setup Time (I2S Data)3
t19
2
ns
APx_IN Hold Time (I2S Data)3
t20
2
ns
APx_IN Setup Time (LRCLK)3
t19
2
ns
APx_IN Hold Time (LRCLK)3
t20
2
ns
1
This part must be configured for external oscillator operation. A 1.8 V oscillator must be used.
2
The prefix x refers to S, DDCA_S, DDCB_S, DDCC_S, and DDCD_S.
3
The suffix x refers to 0, 1, 2, 3, 4, and 5.


Numéro de pièce similaire - ADV7623BSTZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
   HDMI Transceiver with Fast Port Switching
Rev. SpA
More results

Description similaire - ADV7623BSTZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
   HDMI Transceiver with Fast Port Switching
Rev. SpA
ADV7844 AD-ADV7844_12 Datasheet
401Kb / 32P
   Quad HDMI Fast Switching Receiver
ADV7622BSTZ AD-ADV7622BSTZ Datasheet
287Kb / 16P
   HDMI Transceiver
REV. D
logo
STMicroelectronics
AN1301 STMICROELECTRONICS-AN1301 Datasheet
160Kb / 8P
   SINGLE PORT FAST ETHERNET TRANSCEIVER
logo
Intel Corporation
LXT9761 INTEL-LXT9761 Datasheet
1Mb / 78P
   Fast Ethernet 10/100 Multi-Port Transceiver with RMII
logo
Level One
HVE-9008 LVL1-HVE-9008 Datasheet
210Kb / 3P
   HDSpider 8-Port Cat.5 HDMI Sender with Local HDMI
logo
Intel Corporation
LXT9762 INTEL-LXT9762 Datasheet
1Mb / 78P
   Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
logo
Pericom Semiconductor C...
PI3HDMI2410 PERICOM-PI3HDMI2410 Datasheet
508Kb / 15P
   4-Port HDMI Signal Switch with Control
logo
Silicon image
SII9287B SILICONIMAGE-SII9287B Datasheet
429Kb / 8P
   HDMI Port Processor with InstaPort Viewing Technology
logo
IOGEAR
GHDSW4K4 IOGEAR-GHDSW4K4 Datasheet
161Kb / 3P
   4K 4-Port HDMI Switch with Remote
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com