Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1470DH Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI1470DH
Description  N-Channel 30 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1470DH Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI1470DH Datasheet HTML 1Page - Vishay Siliconix SI1470DH Datasheet HTML 2Page - Vishay Siliconix SI1470DH Datasheet HTML 3Page - Vishay Siliconix SI1470DH Datasheet HTML 4Page - Vishay Siliconix SI1470DH Datasheet HTML 5Page - Vishay Siliconix SI1470DH Datasheet HTML 6Page - Vishay Siliconix SI1470DH Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
Si1470DH
Document Number: 74277
S10-0646-Rev. B, 22-Mar-10
www.vishay.com
1
N-Channel 30 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
•TrenchFET® Power MOSFET
100 % Rg and UIS Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Load Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
Qg (Typ.)
30
0.066 at VGS = 4.5 V
4.0a
4.85
0.095 at VGS = 2.5 V
4.0
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 125 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
a
TC = 25 °C
ID
5.1
A
TC = 70 °C
4.0
TA = 25 °C
3.8b, c
TA = 70 °C
3.1b, c
Pulsed Drain Current
IDM
12
Avalanche Current
L = 0.1 mH
IAS
10
Repetitive Avalanche Energy
EAS
5mJ
Continuous Source-Drain Diode Current
TC = 25 °C
IS
2.3
A
TA = 25 °C
1.3b, c
Maximum Power Dissipationa
TC = 25 °C
PD
2.8
W
TC = 70 °C
1.8
TA = 25 °C
1.5b, c
TA = 70 °C
1.0b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
60
80
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
34
45
Ordering Information: Si1470DH-T1-E3 (Lead (Pb)-free)
Si1470DH-T1-GE3 (Lead (Pb)-free and Halogen-free)
Marking Code
AK
XX
Lot Traceability
and Date Code
Part # Code
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
D
D
G
D
D
S
N-Channel MOSFET
G
D
S


Numéro de pièce similaire - SI1470DH

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1470DH VISHAY-SI1470DH Datasheet
114Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 27-Nov-06
SI1470DH VISHAY-SI1470DH Datasheet
117Kb / 7P
   N-Channel 30 V (D-S) MOSFET
Rev. B, 22-Mar-10
SI1470DH-T1-E3 VISHAY-SI1470DH-T1-E3 Datasheet
114Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 27-Nov-06
SI1470DH VISHAY-SI1470DH_10 Datasheet
117Kb / 7P
   N-Channel 30 V (D-S) MOSFET
Rev. B, 22-Mar-10
More results

Description similaire - SI1470DH

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com