Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM337 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce LM337
Description  3-Terminal 1.5A Negative Adjustable Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM337 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  LM337 Datasheet HTML 1Page - Fairchild Semiconductor LM337 Datasheet HTML 2Page - Fairchild Semiconductor LM337 Datasheet HTML 3Page - Fairchild Semiconductor LM337 Datasheet HTML 4Page - Fairchild Semiconductor LM337 Datasheet HTML 5Page - Fairchild Semiconductor LM337 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LM337
2
Absolute Maximum Ratings
Electrical Characteristics
(VI - VO = 5V, IO = 40mA, 0
°C ≤ TJ ≤ +125°C, PDMAX = 20W, unless otherwise specified)
Note:
1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken into
account separately. Pulse testing with low duty is used.
2. CADJ, when used, is connected detween the adjustment pin and ground.
Parameter
Symbol
Value
Unit
Input-Output Voltage Differential
|VI - VO|40
V
Power Dissipation
PD
Internally limited
W
Operating Temperature Range
TOPR
0 ~ +125
°C
Storage Temperature Range
TSTG
-65 ~+125
°C
Parameter
Symbol
Conditions
Min
Typ.
Max.
Unit
Line Regulation (Note1)
Rline
TA = +25
°C
3V
I VI - VO I ≤ 40V
-
0.01
0.04
%/ V
3V
≤ I VI - VO I ≤ 40V
-
0.02
0.07
Load Regulation (Note1)
Rload
TA = +25
°C
10mA
≤ IO ≤ 0.5A
-15
50
mV
10mA
≤ IO ≤ 1.5A
-
15
150
Adjustable Pin Current
IADJ
-
-
50
100
µA
Adjustable Pin Current Change
∆IADJ
TA =+ 25
°C
10mA
≤ IO ≤ 1.5A
3V
≤I VI - VO I ≤ 40V
-2
5
µA
TA =+ 25
°C
-1.213
-1.250
-1.287
Reference Voltage
VREF
3V
≤ I VI - VO I ≤ 40V
10mA
≤ IO ≤ 1.5A
-1.200
-1.250
-1.300
V
Temperature Stability
STT
0
°C ≤ ΤJ ≤ +125°C
-
0.6
-
%
Minimum Load Current to Maintain
Regulation
IL(MIN)
3V
≤I VI - VO I ≤ 40V
-
2.5
10
3V
≤I VI - VO I ≤ 10V
-
1.5
6
mA
Output Noise
eN
TA =+25
°C 10Hz ≤ f ≤10KHz
-
0.003
-
V/106
Ripple Rejection Ratio
RR
VO = -10V, f = 120Hz
-
60
-
CADJ = 10
µF (Note2)
66
77
-
dB
Long Term Stability
ST
TJ = 125
°C ,1000Hours
-
0.3
1
%
Thermal Resistance Junction to
Case
R
θJC
--
4
-
°C/ W


Numéro de pièce similaire - LM337

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
LM337 ONSEMI-LM337 Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
logo
STMicroelectronics
LM337 STMICROELECTRONICS-LM337 Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
logo
Linear Technology
LM337 LINER-LM337 Datasheet
158Kb / 12P
   Negative Adjustable Regulator
logo
Texas Instruments
LM337 TI-LM337 Datasheet
273Kb / 10P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
More results

Description similaire - LM337

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA337 FAIRCHILD-KA337_10 Datasheet
62Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
KA337 FAIRCHILD-KA337 Datasheet
36Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
LM337 FAIRCHILD-LM337_10 Datasheet
122Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
logo
NEC
UPC337 NEC-UPC337 Datasheet
72Kb / 8P
   3-TERMINAL NEGATIVE ADJUSTABLE REGULATOR
logo
Gamma Microelectronics ...
GM317 GAMMA-GM317_12 Datasheet
208Kb / 9P
   3-TERMINAL 1.5A ADJUSTABLE REGULATOR
GM317 GAMMA-GM317 Datasheet
184Kb / 9P
   3-TERMINAL 1.5A ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
AMC317 ETC-AMC317 Datasheet
189Kb / 6P
   1.5A / 3- TERMINAL ADJUSTABLE REGULATOR
logo
Unisonic Technologies
79DXXAA UTC-79DXXAA Datasheet
211Kb / 5P
   3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
logo
NTE Electronics
NTE1911 NTE-NTE1911 Datasheet
26Kb / 2P
   3 Terminal Adjustable Negative Voltage Regulator -1.2V to -37V, 1.5A
logo
Unisonic Technologies
LM79XXA UTC-LM79XXA Datasheet
336Kb / 6P
   3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com