Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM358M Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce LM358M
Description  Dual Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM358M Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  LM358M Datasheet HTML 1Page - Fairchild Semiconductor LM358M Datasheet HTML 2Page - Fairchild Semiconductor LM358M Datasheet HTML 3Page - Fairchild Semiconductor LM358M Datasheet HTML 4Page - Fairchild Semiconductor LM358M Datasheet HTML 5Page - Fairchild Semiconductor LM358M Datasheet HTML 6Page - Fairchild Semiconductor LM358M Datasheet HTML 7Page - Fairchild Semiconductor LM358M Datasheet HTML 8Page - Fairchild Semiconductor LM358M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LM2904,LM358/LM358A,LM258/LM258A
2
Schematic Diagram
(One section only)
Absolute Maximum Ratings
Parameter
Symbol
LM258/LM258A
LM358/LM358A
LM2904
Unit
Supply Voltage
VCC
±16 or 32
±16 or 32
±13 or 26
V
Differential Input Voltage
VI(DIFF)
32
32
26
V
Input Voltage
VI
-0.3 to +32
-0.3 to +32
-0.3 to +26
V
Output Short Circuit to GND
VCC
≤15V, TA = 25°C(One Amp)
-
Continuous
Continuous
Continuous
-
Operating Temperature Range
TOPR
-25 ~ +85
0 ~ +70
-40 ~ +85
°C
Storage Temperature Range
TSTG
-65 ~ +150
-65 ~ +150
-65 ~ +150
°C
Q8
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q9
Q10
Q11
Q12
Q14
Q15
Q16
Q18
Q19
Q20
R2
Q21
C1
R1
GND
OUTPUT
IN(+)
IN(-)
VCC
Q13
Q17


Numéro de pièce similaire - LM358M

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM358M NSC-LM358M Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
Estek Electronics Co. L...
LM358M ESTEK-LM358M Datasheet
201Kb / 2P
   Dual Operational Amplifiers
logo
Texas Instruments
LM358M TI-LM358M Datasheet
1Mb / 33P
[Old version datasheet]   LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
LM358M TI1-LM358M Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power, Dual-Operational Amplifiers
LM358M/NOPB TI1-LM358M/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power, Dual-Operational Amplifiers
More results

Description similaire - LM358M

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com