Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS-4-12XA Fiches technique(PDF) 4 Page - Coilcraft lnc.

No de pièce CS-4-12XA
Description  ROTARY SELECTOR SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COILCRAFT [Coilcraft lnc.]
Site Internet  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CS-4-12XA Fiches technique(HTML) 4 Page - Coilcraft lnc.

  CS-4-12XA Datasheet HTML 1Page - Coilcraft lnc. CS-4-12XA Datasheet HTML 2Page - Coilcraft lnc. CS-4-12XA Datasheet HTML 3Page - Coilcraft lnc. CS-4-12XA Datasheet HTML 4Page - Coilcraft lnc. CS-4-12XA Datasheet HTML 5Page - Coilcraft lnc. CS-4-12XA Datasheet HTML 6Page - Coilcraft lnc. CS-4-12XA Datasheet HTML 7Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
● CS-4-12YA
● CS-4-12YB
● CS-4-12YC
● CS-4-12XB
● CS-4-12XC
● CS-4-13NA
● CS-4-13NB
5
2.3
2.35
2 – 0.8
t = 0.15
1.2
C
12
Production date code
0.6 W
× 2.3 L × 0.5 D
5
2.3
2.35
t = 0.15
2 – 0.8
1.2
C
12
Production date code
0.6 W
× 2.3 L × 0.5 D
5
2.3
2.54
4
±1
3 – 0.6
t = 0.15
C
1
2
Production date code
0.6 W
× 2.3 L × 0.5 D
5
C
1
2
0.6 W
× 2.3 L × 0.5 D
Production date code
2.35
2 – 0.8
t = 0.15
1.2
2.3
5
C
1
2
Production date code
2.3
2.35
t = 0.15
2 – 0.8
1.2
0.6 W
× 2.3 L × 0.5 D
5
C
1
2
Production date code
2.3
2.54
4
±1
3 – 0.6
t = 0.15
0.6 W
× 2.3 L × 0.5 D
5
C
1
23
0.6 W
× 2.3 L × 0.5 D
Production date code
2.3
1.3
3 – 0.5
t = 0.15
1.2
1.3
● CS-4-14NA
5
1.3
6 – 0.5
t = 0.15
1.3
NC
1
C
4
2
3
0.6 W
× 2.3 L × 0.5 D
Production date code
135
°
Moving range
3 – 45
°
Step angle
2.3
● CS-4-14NB
2.3
5
1.3
6 – 0.5
t = 0.15
1.3
NC
1
C
4
2
3
0.6 W
× 2.3 L × 0.5 D
Production date code
135
°
Moving range
3 – 45
°
Step angle
5
C
1 23
0.6 W
× 2.3 L × 0.5 D
Production date code
2.3
1.3
t = 0.15
3 – 0.5
1.2
1.3
● CS-4-12XA
CS-4
ROTARY SELECTOR SWITCHES (SMD)


Numéro de pièce similaire - CS-4-12XA

FabricantNo de pièceFiches techniqueDescription
logo
Copal Electronics
CS-4-12XA COPAL-CS-4-12XA Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
More results

Description similaire - CS-4-12XA

FabricantNo de pièceFiches techniqueDescription
logo
Copal Electronics
RS_SERIES COPAL-RS_SERIES Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
SS-10 COPAL-SS-10 Datasheet
159Kb / 6P
   ROTARY SELECTOR SWITCHES
logo
List of Unclassifed Man...
S-2050 ETC2-S-2050 Datasheet
180Kb / 6P
   ROTARY SELECTOR SWITCHES
logo
Copal Electronics
CS-7 COPAL-CS-7 Datasheet
590Kb / 5P
   ROTARY SELECTOR SWITCHES (SMD)
CS-4 COPAL-CS-4 Datasheet
830Kb / 7P
   ROTARY SELECTOR SWITCHES (SMD)
CS-32 COPAL-CS-32 Datasheet
767Kb / 6P
   ROTARY SELECTOR SWITCHES (SMD)
logo
Omega Engineering, Inc.
OSW OMEGA-OSW Datasheet
463Kb / 3P
   Rotary Selector Switches For Thermocouple, RTD and Thermistor Circuits
logo
Cherry Semiconductor Co...
PEAA-3000 CHERRY-PEAA-3000 Datasheet
1Mb / 1P
   Selector Switches
PAAA-3000 CHERRY-PAAA-3000 Datasheet
1Mb / 1P
   SELECTOR SWITCHES
PBC1-E000 CHERRY-PBC1-E000 Datasheet
1Mb / 1P
   Selector Switches
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com