Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC--350 Fiches technique(PDF) 11 Page - Freescale Semiconductor, Inc

No de pièce TC--350
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TC--350 Fiches technique(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button TC--350 Datasheet HTML 7Page - Freescale Semiconductor, Inc TC--350 Datasheet HTML 8Page - Freescale Semiconductor, Inc TC--350 Datasheet HTML 9Page - Freescale Semiconductor, Inc TC--350 Datasheet HTML 10Page - Freescale Semiconductor, Inc TC--350 Datasheet HTML 11Page - Freescale Semiconductor, Inc TC--350 Datasheet HTML 12Page - Freescale Semiconductor, Inc TC--350 Datasheet HTML 13Page - Freescale Semiconductor, Inc TC--350 Datasheet HTML 14Page - Freescale Semiconductor, Inc TC--350 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
MRFE6VP61K25HR6 MRFE6VP61K25HSR5 MRFE6VP61K25GSR5
11
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — 87.5--108 MHz FM BROADCAST REFERENCE CIRCUIT
30
20
90
40
28
70
50
Pout, OUTPUT POWER (WATTS)
Figure 15. Power Gain and Drain Efficiency
versus Output Power
26
23
2000
25
40
60
80
27
29
1000
D
Gps
VDD =50 Vdc,IDQ = 200 mA
24
30
100
108 MHz
98 MHz
87.5 MHz
108 MHz
98 MHz
87.5 MHz
VDD =50 Vdc,IDQ = 200 mA, Pout = 1100 W CW
f
MHz
Zsource
Zload
87.5
2.20 + j6.70
4.90 + j2.90
98
2.30 + j6.90
4.10 + j2.50
108
2.30 + j7.00
4.40 + j3.60
Zsource = Test circuit impedance as measured from
gate to gate, balanced configuration.
Zload
= Test circuit impedance as measured from
drain to drain, balanced configuration.
Figure 16. Series Equivalent 87.5--108 MHz FM Broadcast Reference Circuit Source and Load Impedance
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
--
--
+
+
Zsource
Zload
50 
50 


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn