Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCZ33199R2 Fiches technique(PDF) 3 Page - Freescale Semiconductor, Inc

No de pièce MCZ33199R2
Description  Automotive ISO 9141 Serial Link Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33199R2 Fiches technique(HTML) 3 Page - Freescale Semiconductor, Inc

  MCZ33199R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33199R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33199R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33199R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33199R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33199R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33199R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33199R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33199R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
33199
VCC
REF-IN-L
REF-IN-K
LO
RXD
TXD
NC
REF-OUT
VS
L
I1
GND
DIA
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33199
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33199 Pin Connections
Table 1. Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section, beginning on page 12.
Pin Number
Pin Name
Definition
1
VCC
5V typical power supply pin. typical supply current is less than 1.5mA
2
REF-IN-L
Input reference for C2 comparator.
3
REF-IN-K
Input reference for C1 comparator.
4
LO
This pin control Sleep Mode, Transmit Level, and Speed. It has a weak pulldown.
5
RXD
Open drain output of the data on BUS. A recessive bus = a logic [1], a dominant bus = logic [0]. An
external pullup is required.
6
TXD
Data input here will appear on the BUS pin. A logic [0] will assert the bus, a logic [1] will make the bus
go to the recessive state.
7, 8
NC
No internal connection to these pins.
9
DIA
Provides a battery-level logic signal.
10
GND
Electrical Common Ground and Heat removal. A good thermal path will also reduce the die
temperature.
11
I1
Power input. An external diode is needed for reverse battery protection.
12
L
The external bus load resistor connects here to prevent bus pullup in the event of loss of module
ground.
13
VS
This pin connects to the bus through external components.
14
REF-OUT
Internal reference voltage generator output pin.


Numéro de pièce similaire - MCZ33199R2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199EFR2 FREESCALE-MCZ33199EFR2 Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
More results

Description similaire - MCZ33199R2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC33199 FREESCALE-MC33199 Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
logo
Vishay Siliconix
AN602 VISHAY-AN602 Datasheet
49Kb / 3P
   Driver ICs for Automotive Diagnostic Communications Meet ISO 9141 Standards
16-Jan-01
logo
STMicroelectronics
L9637D STMICROELECTRONICS-L9637D Datasheet
151Kb / 10P
   ISO 9141 INTERFACE
L9637 STMICROELECTRONICS-L9637 Datasheet
81Kb / 11P
   ISO 9141 INTERFACE
E-L9637D STMICROELECTRONICS-E-L9637D Datasheet
179Kb / 15P
   Monolithic bus driver with ISO 9141 interface
logo
Freescale Semiconductor...
MC33660EFR2 FREESCALE-MC33660EFR2 Datasheet
419Kb / 14P
   ISO K Line Serial Link Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290_16 Datasheet
303Kb / 8P
   ISO K Line Serial Link Interface
logo
Freescale Semiconductor...
MC33660EF FREESCALE-MC33660EF Datasheet
345Kb / 14P
   ISO K Line Serial Link Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290 Datasheet
248Kb / 8P
   ISO K Line Serial Link Interface
logo
Freescale Semiconductor...
33290 FREESCALE-33290_08 Datasheet
786Kb / 12P
   ISO K Line Serial Link Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com