Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

951202-7722-AR Fiches technique(PDF) 1 Page - 3M Electronics

No de pièce 951202-7722-AR
Description  2 mm and 2 mm x 2 mm Straight and Right Angle, Solder Tail
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  3M [3M Electronics]
Site Internet  http://www.3m.com
Logo 3M - 3M Electronics

951202-7722-AR Fiches technique(HTML) 1 Page - 3M Electronics

  951202-7722-AR Datasheet HTML 1Page - 3M Electronics 951202-7722-AR Datasheet HTML 2Page - 3M Electronics 951202-7722-AR Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3MPin Strip Header
2 mm and 2 mm x 2 mm Straight and Right Angle, Solder Tail
951 Series
High temperature dielectric
“Nolead”waveandreflowsoldercompatible
OptimizesuseofPCboardspace
Endstackablefeature
Mateswithboardmountandwiremountproducts
See the Regulatory Information Appendix (RIA) in the
“RoHS compliance” section of www.3M.com/inter-
connects for compliance information
DateModified:April24,2012
TS-2156-D
Sheet 1 of 2
Physical
Insulation
Material: HighTemperatureThermoplastic
Flammability: UL94V-0
Color: Black
Contact
Material: CopperAlloy
Plating
Underplating: 1.25–2.5µm[100µ’’]Nickel
WipingArea: 0.25µm[10µ’’]Gold
SolderTailArea: 1–3µm[40–118µ’’]MatteTin
Electrical
Current Rating: 1 A
Insulation Resistance: >5x108Ohmat100V
DC
Withstanding Voltage: 1000V
DC
Transition Resistance: ≤20mOhm
Environmental
Temperature Range: -25°Cto+105°C
Processing Temperature: max.260°C(ProfileperJ-STD-020C)
Moisture Sensitivity Level: 1(perJ-STD-020C)
http://www.3M.com/interconnects/
3M is a trademark of the 3M Company
For technical, sales or ordering information
call your Local 3M Service Center
ULFileNo.:E68080


Numéro de pièce similaire - 951202-7722-AR

FabricantNo de pièceFiches techniqueDescription
logo
FIBOX Enclosing innovat...
9512021 FIBOX-9512021 Datasheet
47Kb / 1P
   Mounting plate, for enclosures
11.08.2023
9512022 FIBOX-9512022 Datasheet
47Kb / 1P
   Mounting plate, for enclosures
11.08.2023
9512023 FIBOX-9512023 Datasheet
47Kb / 1P
   Mounting plate, for enclosures
11.08.2023
9512024 FIBOX-9512024 Datasheet
47Kb / 1P
   Mounting plate, for enclosures
11.08.2023
9512025 FIBOX-9512025 Datasheet
47Kb / 1P
   Mounting plate, for enclosures
11.08.2023
More results

Description similaire - 951202-7722-AR

FabricantNo de pièceFiches techniqueDescription
logo
3M Electronics
151250-7422-RB 3M-151250-7422-RB Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
1552 3M-1552 Datasheet
1Mb / 7P
   Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
961102-5604-AR 3M-961102-5604-AR Datasheet
852Kb / 3P
   3M Pin Strip Header 2.54 mm and 2.54 mm x 2.54 mm, Right Angle, Solder Tail
logo
ILSI America LLC
ZTTS-MG ILSI-ZTTS-MG Datasheet
56Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 3.4 mm x 7.4 mm and 4.1 mm x 4.7 mm
ZTTS ILSI-ZTTS Datasheet
54Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 3.4 mm x 7.4 mm and 4.1 mm x 4.7 mm
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
   2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
ZTTCV-MX ILSI-ZTTCV-MX Datasheet
56Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
ZTT ILSI-ZTT Datasheet
46Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
ZTT-MG ILSI-ZTT-MG Datasheet
57Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
ZTACV ILSI-ZTACV Datasheet
45Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com