Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS70LT1G Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce BAS70LT1G
Description  Schottky Barrier Diodes Extremely Fast Switching Speed Low Forward Voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS70LT1G Fiches technique(HTML) 2 Page - ON Semiconductor

  BAS70LT1G Datasheet HTML 1Page - ON Semiconductor BAS70LT1G Datasheet HTML 2Page - ON Semiconductor BAS70LT1G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAS70LT1G, NSVBAS70LT1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Reverse Breakdown Voltage
(IR = 10 mA)
V(BR)R
70
V
Total Capacitance
(VR = 0 V, f = 1.0 MHz)
CT
2.0
pF
Reverse Leakage
(VR = 50 V)
(VR = 70 V)
IR
0.1
10
mA
Forward Voltage
(IF = 1.0 mA)
VF
410
mV
Forward Voltage
(IF = 10 mA)
VF
750
mV
Forward Voltage
(IF = 15 mA)
VF
1.0
V
100
0
0.1
VF, FORWARD VOLTAGE (VOLTS)
0.2
0.3
0.4
0.5
10
1.0
0.1
85
C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
5.0
10
15
20
50
1.4
0
VR, REVERSE VOLTAGE (VOLTS)
1.2
0.4
0.2
0
5.0
10
15
50
Figure 1. Typical Forward Voltage
Figure 2. Reverse Current versus Reverse
Voltage
Figure 3. Typical Capacitance
-40
C
25
C
TA = 150C
25
C
1.0
-55
C
125
C
150
C
100
25
20
0.6
0.8
1.0
0.6
0.7
125
C
85
C
30
35
40
45
25
30
35
40
45
0.8
0.9


Numéro de pièce similaire - BAS70LT1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BAS70LT1G ONSEMI-BAS70LT1G Datasheet
45Kb / 4P
   SCHOTTKY BARRIER DIODES
July, 2004 ??Rev. 4
BAS70LT1G ONSEMI-BAS70LT1G Datasheet
47Kb / 3P
   70 VOLTS SCHOTTKY BARRIER DIODES
March, 2007 ??Rev. 5
BAS70LT1G ONSEMI-BAS70LT1G Datasheet
88Kb / 3P
   Schottky Barrier Diodes
October, 2016 ??Rev. 10
BAS70LT1G ONSEMI-BAS70LT1G Datasheet
164Kb / 4P
   Schottky Barrier Diodes
November, 2018 ??Rev. 11
More results

Description similaire - BAS70LT1G

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LBAT54ALT1G LRC-LBAT54ALT1G_11 Datasheet
86Kb / 3P
   Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54WT1G LRC-LBAT54WT1G_11 Datasheet
146Kb / 3P
   Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54XV2T1G LRC-LBAT54XV2T1G Datasheet
150Kb / 3P
   Schottky Barrier Diodes Extremely Fast Switching Speed
logo
ON Semiconductor
BAT54XV2T1G ONSEMI-BAT54XV2T1G Datasheet
96Kb / 4P
   Schottky Barrier Diodes Extremely Fast Switching Speed
February, 2013 ??Rev. 8
logo
Leshan Radio Company
LBAT54SLT1G LRC-LBAT54SLT1G_11 Datasheet
74Kb / 3P
   Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54CWT1G LRC-LBAT54CWT1G Datasheet
64Kb / 3P
   Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54CLT1G LRC-LBAT54CLT1G Datasheet
77Kb / 3P
   Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54SWT1G LRC-LBAT54SWT1G_11 Datasheet
91Kb / 3P
   Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54LT1G LRC-LBAT54LT1G_11 Datasheet
78Kb / 3P
   Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
logo
Microdiode Electronics ...
SL34F CHENDA-SL34F_V01 Datasheet
2Mb / 3P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com