Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MRFIC0931 Fiches technique(PDF) 1 Page - Motorola, Inc

No de pièce MRFIC0931
Description  BALANCED TRANSMIT MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC0931 Fiches technique(HTML) 1 Page - Motorola, Inc

  MRFIC0931 Datasheet HTML 1Page - Motorola, Inc MRFIC0931 Datasheet HTML 2Page - Motorola, Inc MRFIC0931 Datasheet HTML 3Page - Motorola, Inc MRFIC0931 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MRFIC0931
MOTOROLA RF DEVICE DATA
Advance Information
The MRFIC Line
Balanced Transmit Mixer
The MRFIC0931 is a balanced Gilbert cell mixer with LO buffer amplifier
intended for transmit upmixer application. The device is usable for Industrial,
Scientific and Medical (ISM), Cellular and PCS applications and is packaged in
a low–cost surface mount package.
• Usable 500–2000 MHz
• High Output Power @ 1 dB Gain Compression, 3.6 Volts
0.9 dBm (Typ) @ 900 MHz
–2 dBm (Typ) @ 1800 MHz
• 2.7–4.8 Volts Operation
• Balanced Design for Good LO Rejection
• 47 mA (Max) Current @ 4.5 Volts
45 mA (Max) Current @ 3.6 Volts
• Low Cost Surface Mount Package
• Order MRFIC0931R2 for Tape and Reel.
R2 suffix = 2,500 Units per 12 mm, 13 inch Reel.
• Device Marking = M0931
ABSOLUTE MAXIMUM RATINGS
Ratings
Symbol
Value
Unit
Supply Voltage
VCC
5
Vdc
Input Power, IF and LO
PIF, PLO
+10
dBm
Operating Ambient Temperature
TA
– 35 to + 85
°C
Storage Temperature
Tstg
– 65 to +150
°C
Pin Connections and Functional Block Diagram
1
RF OUT
GND
GND
IF IN
RF OUT
VCC
IF IN
LO IN
2
3
45
6
7
8
Order this document
by MRFIC0931/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRFIC0931
BALANCED TRANSMIT
MIXER SILICON
MONOLITHIC
INTEGRATED CIRCUIT
CASE 751-05
(SO-8)
© Motorola, Inc. 1997
REV 1


Numéro de pièce similaire - MRFIC0931

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MRFIC0903 MOTOROLA-MRFIC0903 Datasheet
193Kb / 8P
   ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0904 MOTOROLA-MRFIC0904 Datasheet
147Kb / 8P
   900 MHz GaAs TWO STAGE DRIVER AMP INTEGRATED CIRCUIT
MRFIC0912 MOTOROLA-MRFIC0912 Datasheet
120Kb / 6P
   900 MHz GaAs INTEGRATED POWER AMPLIFIER
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0914 MOTOROLA-MRFIC0914 Datasheet
127Kb / 6P
   900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT
More results

Description similaire - MRFIC0931

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MRFIC2002 MOTOROLA-MRFIC2002 Datasheet
184Kb / 6P
   900 MHz TX-MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2101 MOTOROLA-MRFIC2101 Datasheet
124Kb / 10P
   900 MHz TX-MIXER/EXCITER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2001 MOTOROLA-MRFIC2001 Datasheet
191Kb / 6P
   900 MHz DOWNCONVERTER LNA/MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com