Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MRFIC0917 Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MRFIC0917
Description  900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC0917 Fiches technique(HTML) 3 Page - Motorola, Inc

  MRFIC0917 Datasheet HTML 1Page - Motorola, Inc MRFIC0917 Datasheet HTML 2Page - Motorola, Inc MRFIC0917 Datasheet HTML 3Page - Motorola, Inc MRFIC0917 Datasheet HTML 4Page - Motorola, Inc MRFIC0917 Datasheet HTML 5Page - Motorola, Inc MRFIC0917 Datasheet HTML 6Page - Motorola, Inc MRFIC0917 Datasheet HTML 7Page - Motorola, Inc MRFIC0917 Datasheet HTML 8Page - Motorola, Inc MRFIC0917 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
MRFIC0917
MOTOROLA RF DEVICE DATA
Figure 2. GSM Application Circuit Configuration with Drain Switch
and MC33169 GaAs Power Amplifier Support IC
1
2
3
4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
5
6
7
8
D
G
S
D
D
D
S
VRAMP
BATTERY
Q1
R5
C6
R1
C7
R2
C8
L1
R3
R4
C9 C10
C15
C14
U2
CR1
C12
C13
RF IN
STANDBY
C1, C3, C10 33 pF
C2, C6, C9 33 nF
C4
4.7 pF
C5
10 pF
C7
220 nF
C8
6.8 pF
C11 to C16 1
µF
C17
0 to 5 nF Depending on
control bandwidth
CR1
MMBD701LT1
L1
5.6 nH
L2
10 Turn MicroSpring,
Coilcraft 1606–10 or 18 mm
50
Ω MICROSTRIP
Q1
MMSF4N01HD
R1, R3
330
R2
100
R4
1 k
R5
470
R6
22
T1
2 mm 30
Ω MICROSTRIP
T2
3.5 mm 30
Ω MICROSTRIP
U1
MRFIC0917
U2
MC33169 (– 4 V Version)
BOARD MATERIAL FR4
T2
C3
RF OUT
C5
C4
C2
L2
C1
C16
U1
T1
R6
C11
C17


Numéro de pièce similaire - MRFIC0917

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MRFIC0912 MOTOROLA-MRFIC0912 Datasheet
120Kb / 6P
   900 MHz GaAs INTEGRATED POWER AMPLIFIER
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0914 MOTOROLA-MRFIC0914 Datasheet
127Kb / 6P
   900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT
MRFIC0916 MOTOROLA-MRFIC0916 Datasheet
98Kb / 8P
   SILICON GENERAL PURPOSE RF CASCODE AMPLIFIER
More results

Description similaire - MRFIC0917

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0912 MOTOROLA-MRFIC0912 Datasheet
120Kb / 6P
   900 MHz GaAs INTEGRATED POWER AMPLIFIER
MRFIC0914 MOTOROLA-MRFIC0914 Datasheet
127Kb / 6P
   900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT
MRFIC1817 MOTOROLA-MRFIC1817 Datasheet
232Kb / 8P
   1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1818 MOTOROLA-MRFIC1818 Datasheet
216Kb / 8P
   1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2004 MOTOROLA-MRFIC2004 Datasheet
179Kb / 7P
   900 MHz DRIVER & RAMP SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2002 MOTOROLA-MRFIC2002 Datasheet
184Kb / 6P
   900 MHz TX-MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
   1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2403 MOTOROLA-MRFIC2403 Datasheet
100Kb / 6P
   2.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0904 MOTOROLA-MRFIC0904 Datasheet
147Kb / 8P
   900 MHz GaAs TWO STAGE DRIVER AMP INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com