Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847BS-AU_RD_1001 Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce BC847BS-AU_RD_1001
Description  NPN GENERAL PURPOSE DUAL TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC847BS-AU_RD_1001 Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  BC847BS-AU_RD_1001 Datasheet HTML 1Page - Pan Jit International Inc. BC847BS-AU_RD_1001 Datasheet HTML 2Page - Pan Jit International Inc. BC847BS-AU_RD_1001 Datasheet HTML 3Page - Pan Jit International Inc. BC847BS-AU_RD_1001 Datasheet HTML 4Page - Pan Jit International Inc. BC847BS-AU_RD_1001 Datasheet HTML 5Page - Pan Jit International Inc. BC847BS-AU_RD_1001 Datasheet HTML 6Page - Pan Jit International Inc. BC847BS-AU_RD_1001 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PAGE . 1
April 3,2013-REV.04
BC847BS-AU
NPN GENERAL PURPOSE DUAL TRANSISTOR
VOLTAGE
45 Volts
150 mWatts
FEATURES
• General purpose amplifier applications
• PNP epitaxial silicon, planar design
• Lead free in comply with EU RoHS 2011/65/EU directives
• Green molding compound as per IEC61249 Std. .
(Halogen Free)
MECHANICAL DATA
• Case : SOT-363, Plastic
• Terminals : Solderable per MIL-STD-750, Method 2026
• Approx. Weight : 0.006 gram
• Marking : 47S
POWER
ABSOLUTE MAXIMUM RATINGS
THERMAL CHARACTERISTICS
Note : 1.FR-5 board 1 x 0.75 x 0.062 in.
2.Mounted on an FR4 PCB, single-sided copper, mini pad.
Parameter
Symbol
Value
Units
Collector - Emitter Voltage
VCEO
45
V
Collector - Base Voltage
VCBO
50
V
Emitter - Base Voltage
VEBO
6V
Collector Current - Continuous
I C
100
mA
Parameter
Symbol
Value
Units
Total Device Dissipation
Per Device FR-5 Board (Note 1)T
A=25
O
C
Derate above 25OC
P
D
300
150
3
mW
mW
mW/OC
Thermal Resistance , Junction to Ambient (Note 2)
R
JA
550
O
C/W
Junction Temperature
T
J
-55 to 150
O
C
Storage Temperature
T
STG
-55 to 150
O
C
0.010(0.25)
0.054(1.35)
0.045(1.15)
0.087(2.20)
0.074(1.90)
0.030(0.75)
0.021(0.55)
0.056(1.40)
0.047(1.20)
0.012(0.30)
0.005(0.15)
0.010(0.25)
0.003(0.08)
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified


Numéro de pièce similaire - BC847BS-AU_RD_1001

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BC847BS-13-F DIODES-BC847BS-13-F Datasheet
245Kb / 5P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847BS-7 DIODES-BC847BS-7 Datasheet
55Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 3 - 2
BC847BS-7-F DIODES-BC847BS-7-F Datasheet
350Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 9 - 2
BC847BS-7-F DIODES-BC847BS-7-F Datasheet
112Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 12 - 2
BC847BS-7-F DIODES-BC847BS-7-F Datasheet
245Kb / 5P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

Description similaire - BC847BS-AU_RD_1001

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
PUMX1 UTC-PUMX1 Datasheet
63Kb / 2P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
PUMX1 UTC-PUMX1_08 Datasheet
151Kb / 2P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
PUMX1 UTC-PUMX1_15 Datasheet
164Kb / 3P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC2411D TSC-TSC2411D Datasheet
91Kb / 3P
   General Purpose Dual NPN Transistor
logo
Pan Jit International I...
BC847CSTB6 PANJIT-BC847CSTB6 Datasheet
413Kb / 6P
   DUAL NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
MBT3904DW WEITRON-MBT3904DW Datasheet
244Kb / 7P
   Dual General Purpose Transistor NPNNPN Silicon
logo
ON Semiconductor
BC847BPDXV6 ONSEMI-BC847BPDXV6_13 Datasheet
116Kb / 6P
   NPN/PNP Dual General Purpose Transistor
May, 2013 ??Rev. 2
logo
Pan Jit International I...
MMDT3904TB6 PANJIT-MMDT3904TB6 Datasheet
130Kb / 4P
   DUAL NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
ON Semiconductor
EMX2DXV6T5 ONSEMI-EMX2DXV6T5 Datasheet
127Kb / 4P
   Dual NPN General Purpose Amplifier Transistor
November, 2005 ??Rev. 2
EMX1DXV6T1 ONSEMI-EMX1DXV6T1 Datasheet
56Kb / 4P
   Dual NPN General Purpose Amplifier Transistor
November, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com