Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847BPN-AU_BD_1001 Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce BC847BPN-AU_BD_1001
Description  DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC847BPN-AU_BD_1001 Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  BC847BPN-AU_BD_1001 Datasheet HTML 1Page - Pan Jit International Inc. BC847BPN-AU_BD_1001 Datasheet HTML 2Page - Pan Jit International Inc. BC847BPN-AU_BD_1001 Datasheet HTML 3Page - Pan Jit International Inc. BC847BPN-AU_BD_1001 Datasheet HTML 4Page - Pan Jit International Inc. BC847BPN-AU_BD_1001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BC847BPN-AU
DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
1
2
3
4
5
6
1
2
3
4
5
6
FEATURES
APPLICATIONS
MAXIMUM RATINGS - NPN
Rating
Symbol
Value
Units
This device contains two electrically-isolated complimentary pair (NPN and
PNP) general-purpose transistors. This device is ideal for portable
applications where board space is at a premium.
General Purpose Amplifier Applications
Hand-Held Computers, PDAs
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base Voltage Voltage
Collector Current
Total Power Dissipation (Note 1)
Operating Junction Temperature Range
Storage Temperature Range
3/5/2009
Page 1
www.panjit.com
50
V
V
45
V
6.0
mA
100
200
mW
°C
°C
-55 to +150
V
V
V
I
P
T
T
CBO
CEO
EBO
C
D
stg
T = 25°C Unless otherwise noted
J
J
Note 1. FR-
4 board 70 x 60 x 1mm with minimum recommended pad layout
SOT- 363
THERMAL CHARACTERISTICS
Characteristic
Symbol
Units
thja
Thermal Resistance, Junction to Ambient (Note 1)
556
Value
R
°C/W
12
3
65
4
Device Marking Code: 47P
-55 to +150
MAXIMUM RATINGS - PNP
Rating
Symbol
Value
Units
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base Voltage Voltage
Collector Current
-50
V
V
-45
V
-5.0
mA
-100
V
V
V
I
CBO
CEO
EBO
C
T = 25°C Unless otherwise noted
J
Electrically-Isolated Complimentary Transistor Pairs
Acqire quality system certificate : TS16949
AEC-Q101 qualified
Lead free in comply with EU RoHS 2002/95/EC directives.
Green molding compound as per IEC61249 Std. . (Halogen Free)


Numéro de pièce similaire - BC847BPN-AU_BD_1001

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
BC847BPN-Q NEXPERIA-BC847BPN-Q Datasheet
267Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
17 June 2021
More results

Description similaire - BC847BPN-AU_BD_1001

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BC847BPN PANJIT-BC847BPN Datasheet
145Kb / 3P
   DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
BC846APN PANJIT-BC846APN Datasheet
138Kb / 5P
   DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
logo
Leshan Radio Company
LBC846BPDW1T1 LRC-LBC846BPDW1T1 Datasheet
253Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC846BPDW1T1G LRC-LBC846BPDW1T1G_11 Datasheet
169Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
logo
ON Semiconductor
EMF18XV6T5 ONSEMI-EMF18XV6T5 Datasheet
62Kb / 5P
   Dual Transistor ??Power Management NPN/PNP Dual (Complimentary)
October, 2005 ??Rev. 1
logo
AiT Semiconductor Inc.
BC846BPDW AITSEMI-BC846BPDW Datasheet
987Kb / 11P
   GENERAL PURPOSE TRANSISTOR NPN/PNP DUAL (COMPLIMENTARY)
REV1.1
logo
Solid States Devices, I...
TR0032F SSDI-TR0032F Datasheet
139Kb / 2P
   Complimentary NPN & PNP Transistor
logo
Pan Jit International I...
MMDT3906 PANJIT-MMDT3906 Datasheet
179Kb / 4P
   DUAL SURFACE MOUNT PNP TRANSISTORS
MMDT3904 PANJIT-MMDT3904 Datasheet
207Kb / 4P
   DUAL SURFACE MOUNT NPN TRANSISTORS
MMDT2222A PANJIT-MMDT2222A_09 Datasheet
167Kb / 4P
   DUAL SURFACE MOUNT NPN TRANSISTORS
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com