Moteur de recherche de fiches techniques de composants électroniques |
|
BC847BPN-AU_BU_1001 Fiches technique(PDF) 1 Page - Pan Jit International Inc. |
|
BC847BPN-AU_BU_1001 Fiches technique(HTML) 1 Page - Pan Jit International Inc. |
1 / 5 page BC847BPN-AU DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY) 1 2 3 4 5 6 1 2 3 4 5 6 FEATURES APPLICATIONS MAXIMUM RATINGS - NPN Rating Symbol Value Units This device contains two electrically-isolated complimentary pair (NPN and PNP) general-purpose transistors. This device is ideal for portable applications where board space is at a premium. General Purpose Amplifier Applications Hand-Held Computers, PDAs Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Voltage Collector Current Total Power Dissipation (Note 1) Operating Junction Temperature Range Storage Temperature Range 3/5/2009 Page 1 www.panjit.com 50 V V 45 V 6.0 mA 100 200 mW °C °C -55 to +150 V V V I P T T CBO CEO EBO C D stg T = 25°C Unless otherwise noted J J Note 1. FR- 4 board 70 x 60 x 1mm with minimum recommended pad layout SOT- 363 THERMAL CHARACTERISTICS Characteristic Symbol Units thja Thermal Resistance, Junction to Ambient (Note 1) 556 Value R °C/W 12 3 65 4 Device Marking Code: 47P -55 to +150 MAXIMUM RATINGS - PNP Rating Symbol Value Units Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Voltage Collector Current -50 V V -45 V -5.0 mA -100 V V V I CBO CEO EBO C T = 25°C Unless otherwise noted J Electrically-Isolated Complimentary Transistor Pairs Acqire quality system certificate : TS16949 AEC-Q101 qualified Lead free in comply with EU RoHS 2002/95/EC directives. Green molding compound as per IEC61249 Std. . (Halogen Free) |
Numéro de pièce similaire - BC847BPN-AU_BU_1001 |
|
Description similaire - BC847BPN-AU_BU_1001 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |