Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847BPN-AU_B1_1001 Fiches technique(PDF) 4 Page - Pan Jit International Inc.

No de pièce BC847BPN-AU_B1_1001
Description  DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC847BPN-AU_B1_1001 Fiches technique(HTML) 4 Page - Pan Jit International Inc.

  BC847BPN-AU_B1_1001 Datasheet HTML 1Page - Pan Jit International Inc. BC847BPN-AU_B1_1001 Datasheet HTML 2Page - Pan Jit International Inc. BC847BPN-AU_B1_1001 Datasheet HTML 3Page - Pan Jit International Inc. BC847BPN-AU_B1_1001 Datasheet HTML 4Page - Pan Jit International Inc. BC847BPN-AU_B1_1001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PAGE .
4
3/5/2009
Part No_packing code_Version
B
C847BPN-AU_R1_000A1
BC847BPN-AU_R2_000A1
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D
BC847BPN-AU


Numéro de pièce similaire - BC847BPN-AU_B1_1001

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
BC847BPN-Q NEXPERIA-BC847BPN-Q Datasheet
267Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
17 June 2021
More results

Description similaire - BC847BPN-AU_B1_1001

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BC847BPN PANJIT-BC847BPN Datasheet
145Kb / 3P
   DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
BC846APN PANJIT-BC846APN Datasheet
138Kb / 5P
   DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
logo
Leshan Radio Company
LBC846BPDW1T1 LRC-LBC846BPDW1T1 Datasheet
253Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC846BPDW1T1G LRC-LBC846BPDW1T1G_11 Datasheet
169Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
logo
ON Semiconductor
EMF18XV6T5 ONSEMI-EMF18XV6T5 Datasheet
62Kb / 5P
   Dual Transistor ??Power Management NPN/PNP Dual (Complimentary)
October, 2005 ??Rev. 1
logo
AiT Semiconductor Inc.
BC846BPDW AITSEMI-BC846BPDW Datasheet
987Kb / 11P
   GENERAL PURPOSE TRANSISTOR NPN/PNP DUAL (COMPLIMENTARY)
REV1.1
logo
Solid States Devices, I...
TR0032F SSDI-TR0032F Datasheet
139Kb / 2P
   Complimentary NPN & PNP Transistor
logo
Pan Jit International I...
MMDT3906 PANJIT-MMDT3906 Datasheet
179Kb / 4P
   DUAL SURFACE MOUNT PNP TRANSISTORS
MMDT3904 PANJIT-MMDT3904 Datasheet
207Kb / 4P
   DUAL SURFACE MOUNT NPN TRANSISTORS
MMDT2222A PANJIT-MMDT2222A_09 Datasheet
167Kb / 4P
   DUAL SURFACE MOUNT NPN TRANSISTORS
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com