Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KSE172 Datasheet(Fiches technique) 2 Page - Fairchild Semiconductor

Numéro de pièce KSE172
Description  Low Power Audio Amplifier Low Current, High Speed Switching Applications
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE172 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSE172 Datenblatt HTML 1Page - Fairchild Semiconductor KSE172 Datasheet HTML 2Page - Fairchild Semiconductor KSE172 Datenblatt HTML 3Page - Fairchild Semiconductor KSE172 Datenblatt HTML 4Page - Fairchild Semiconductor KSE172 Datenblatt HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, January 2001
Typical Charactristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Collector Output Capacitance
Figure 4. Turn On Time
Figure 5. Turn Off Time
Figure 6. Safe Operating Area
-0.1
-1
10
100
1000
VCE = -1V
IC[A], COLLECTOR CURRENT
-0.01
-0.1
-1
-10
-100
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
IC/IB=10
IC/IB=5
VBE@VCE= -1V
VCE(sat)
VBE(sat) IC/IB=10
IC[A], COLLECTOR CURRENT
-0.1
-1
-10
-100
1
10
100
1000
f=0.1MHZ
IE=0
VCB[V], COLLECTOR-BASE VOLTAGE
-0.01
-0.1
-1
-10
1
10
100
1000
tR
tD
IC[A], COLLECTOR CURRENT
-0.1
-1
10
100
1000
tF
tSTG
IC[A], COLLECTOR CURRENT
-1
-10
-100
-0.01
-0.1
-1
-10
KSE170
KSE171
KSE172
VCEMAX.
50m
s
DC
VCE[V], COLLECTOR-EMITTER VOLTAGE


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn