Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KSE13009 Datasheet(Fiches technique) 2 Page - Fairchild Semiconductor

Numéro de pièce KSE13009
Description  High Voltage Switch Mode Applications
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE13009 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSE13009 Datenblatt HTML 1Page - Fairchild Semiconductor KSE13009 Datasheet HTML 2Page - Fairchild Semiconductor KSE13009 Datenblatt HTML 3Page - Fairchild Semiconductor KSE13009 Datenblatt HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Collector Output Capacitance
Figure 4. Turn On Time
Figure 5. Turn Off Time
0.1
1
10
100
1
10
100
V
CE = 5V
I
C[A], COLLECTOR CURRENT
0.1
1
10
100
0.01
0.1
1
10
I
C
= 3 I
B
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
0.1
1
10
100
1000
1
10
100
1000
V
CB[V], COLLECTOR-BASE VOLTAGE
0.1
1
10
100
10
100
1000
10000
V
CC=125V
I
C=5IB
t
D, VBE(off)=5V
t
R
I
C[A], COLLECTOR CURRENT
0.1
1
10
100
100
1000
10000
V
CC =125V
I
C
=5I
B
t
F
t
STG
I
C[A], COLLECTOR CURRENT


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
FJA13009High Voltage Switch Mode Applications 1 2 3 4 5 Fairchild Semiconductor
KSE13003High Voltage Switch Mode Applications 1 2 3 4 Fairchild Semiconductor
FJA13009High Voltage Switch Mode Applications 1 2 3 4 5 Fairchild Semiconductor
KSE13003THigh Voltage Switch Mode Applications 1 2 3 4 Fairchild Semiconductor
FJE3303High Voltage Switch Mode Applications 1 2 3 4 5 MoreFairchild Semiconductor
FJPF3305High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
LM5000High Voltage Switch Mode Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
FJP13007High Voltage Switch Mode Application 1 2 3 4 5 MoreFairchild Semiconductor
KSE13007FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
FJP3305High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn