Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KSE13005H2ATU Datasheet(Fiches technique) 1 Page - Fairchild Semiconductor

Numéro de pièce KSE13005H2ATU
Description  High Voltage Switch Mode Application
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE13005H2ATU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSE13005H2ATU Datasheet HTML 1Page - Fairchild Semiconductor KSE13005H2ATU Datenblatt HTML 2Page - Fairchild Semiconductor KSE13005H2ATU Datenblatt HTML 3Page - Fairchild Semiconductor KSE13005H2ATU Datenblatt HTML 4Page - Fairchild Semiconductor KSE13005H2ATU Datenblatt HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, January 2001
NPN Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse test: PW
≤300µs, Duty cycle≤2% Pulse
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: KSE13004
: KSE13005
600
700
V
V
VCEO
Collector-Emitter Voltage
: KSE13004
: KSE13005
300
400
V
V
VEBO
Emitter-Base Voltage
9
V
IC
Collector Current (DC)
4
A
ICP
Collector Current (Pulse)
8
A
IB
Base Current
2
A
PC
Collector Dissipation (TC=25°C)
75
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCEO(sus)
Collector-Emitter Sustaining Voltage
: KSE13004
: KSE13005
IC = 10mA, IB = 0
300
400
V
V
IEBO
Emitter Cut-off Current
VEB = 9V, IC = 0
1
mA
hFE
*DC Current Gain
VCE = 5V, IC = 1A
VCE = 5V, IC = 2A
10
8
60
40
VCE(sat)
*Collector-Emitter Saturation Voltage
IC = 1A, IB = 0.2A
IC = 2A, IB = 0.5A
IC = 4A, IB = 1A
0.5
0.6
1
V
V
V
VBE (sat)
*Base-Emitter Saturation Voltage
IC = 1A, IB = 0.2A
IC = 2A, IB = 0.5A
1.2
1.6
V
V
Cob
Output Capacitance
VCB = 10V, f = 0.1MHz
65
pF
fT
Current Gain Bandwidth Product
VCE = 10V, IC = 0.5A
4
MHz
tON
Turn On Time
VCC = 125V, IC = 2A
IB1 = - IB2 = 0.4A
RL = 62.5Ω
0.8
µs
tSTG
Storage Time
4
µs
tF
Fall Time
0.9
µs
KSE13004/13005
High Voltage Switch Mode Application
• High Speed Switching
• Suitable for Switching Regulator and Motor Control
1.Base
2.Collector
3.Emitter
1
TO-220


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
KSE13007FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
KSE13009FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
KSE13007FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
MJE13009FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
FJP3305High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
FJP13009High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
FJP5555High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
FJPF5555High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
KSE13005FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
KSE13006High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn