Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L78L15ACZ-TR Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce L78L15ACZ-TR
Description  Positive voltage regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L15ACZ-TR Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button L78L15ACZ-TR Datasheet HTML 2Page - STMicroelectronics L78L15ACZ-TR Datasheet HTML 3Page - STMicroelectronics L78L15ACZ-TR Datasheet HTML 4Page - STMicroelectronics L78L15ACZ-TR Datasheet HTML 5Page - STMicroelectronics L78L15ACZ-TR Datasheet HTML 6Page - STMicroelectronics L78L15ACZ-TR Datasheet HTML 7Page - STMicroelectronics L78L15ACZ-TR Datasheet HTML 8Page - STMicroelectronics L78L15ACZ-TR Datasheet HTML 9Page - STMicroelectronics L78L15ACZ-TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Electrical characteristics
L78LxxAB, L78LxxAC, L78LxxC
6/33
Doc ID 2145 Rev 21
4
Electrical characteristics
Refer to the test circuits, TJ = 0 to 125 °C, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF unless
otherwise specified.
Table 4.
Electrical characteristics of L78L33C (VI = 8.3 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25 °C
3.036
3.3
3.564
V
VO
Output voltage
IO = 1 to 40 mA, VI = 5.3 to 20 V
2.97
3.63
V
IO = 1 to 70 mA, VI = 8.3 V
2.97
3.63
ΔVO
Line regulation
VI = 5.3 to 20 V, TJ = 25 °C
150
mV
VI = 6.3 to 20 V, TJ = 25 °C
100
ΔVO
Load regulation
IO = 1 to 100 mA, TJ = 25 °C
60
mV
IO = 1 to 40 mA, TJ = 25 °C
30
Id
Quiescent current
TJ = 25 °C
6
mA
TJ = 125 °C
5.5
mA
ΔId
Quiescent current change
IO = 1 to 40 mA
0.2
mA
VI = 6.3 to 20 V
1.5
eN
Output noise voltage
B =10 Hz to 100 kHz, TJ = 25 °C
40
µV
SVR
Supply voltage rejection
VI = 6.3 to 16.3 V, f = 120 Hz
IO = 40 mA, TJ = 25 °C
41
49
dB
Vd
Dropout voltage
1.7
V
Table 5.
Electrical characteristics of L78L05C (VI = 10 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25 °C
4.6
5
5.4
V
VO
Output voltage
IO = 1 to 40 mA, VI = 7 to 20 V
4.5
5.5
V
IO = 1 to 70 mA, VI = 10 V
4.5
5.5
ΔVO
Line regulation
VI = 8.5 to 20 V, TJ = 25 °C
200
mV
VI = 9 to 20 V, TJ = 25 °C
150
ΔVO
Load regulation
IO = 1 to 100 mA, TJ = 25 °C
60
mV
IO = 1 to 40 mA, TJ = 25 °C
30
Id
Quiescent current
TJ = 25 °C
6
mA
TJ = 125 °C
5.5
mA
ΔId
Quiescent current change
IO = 1 to 40 mA
0.2
mA
VI = 8 to 20 V
1.5
eN
Output noise voltage
B =10 Hz to 100 kHz, TJ = 25 °C
40
µV


Numéro de pièce similaire - L78L15ACZ-TR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L78L15ACZ STMICROELECTRONICS-L78L15ACZ Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
L78L15ACZ STMICROELECTRONICS-L78L15ACZ Datasheet
907Kb / 29P
   Positive voltage regulators
L78L15ACZ STMICROELECTRONICS-L78L15ACZ Datasheet
769Kb / 46P
   Positive voltage regulators
February 2016 Rev 25
L78L15ACZ STMICROELECTRONICS-L78L15ACZ Datasheet
879Kb / 40P
   Positive voltage regulators
Rev 28 - April 2021
L78L15ACZAP STMICROELECTRONICS-L78L15ACZAP Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results

Description similaire - L78L15ACZ-TR

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com