Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5662BRM-1 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD5662BRM-1
Description  16-Bit nanoDAC in a SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5662BRM-1 Fiches technique(HTML) 2 Page - Analog Devices

  AD5662BRM-1 Datasheet HTML 1Page - Analog Devices AD5662BRM-1 Datasheet HTML 2Page - Analog Devices AD5662BRM-1 Datasheet HTML 3Page - Analog Devices AD5662BRM-1 Datasheet HTML 4Page - Analog Devices AD5662BRM-1 Datasheet HTML 5Page - Analog Devices AD5662BRM-1 Datasheet HTML 6Page - Analog Devices AD5662BRM-1 Datasheet HTML 7Page - Analog Devices AD5662BRM-1 Datasheet HTML 8Page - Analog Devices AD5662BRM-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5662
Rev. A | Page 2 of 24
TABLE OF CONTENTS
Specifications..................................................................................... 3
 
Timing Characteristics..................................................................... 5
 
Absolute Maximum Ratings............................................................ 6
 
ESD Caution.................................................................................. 6
 
Pin Configuration and Function Description .............................. 7
 
Typical Performance Characteristics ............................................. 8
 
Terminology .................................................................................... 13
 
Theory of Operation ...................................................................... 14
 
DAC Section................................................................................ 14
 
Resistor String............................................................................. 14
 
Output Amplifier........................................................................ 14
 
Serial Interface ............................................................................ 14
 
Input Shift Register .................................................................... 15
 
SYNC Interrupt .......................................................................... 15
 
Power-On Reset.......................................................................... 15
 
Power-Down Modes .................................................................. 16
 
Microprocessor Interfacing ...................................................... 16
 
Applications..................................................................................... 18
 
Choosing a Reference for the AD5662.................................... 18
 
Using a Reference as a Power Supply for the AD5662 .......... 18
 
Bipolar Operation Using the AD5662..................................... 19
 
Using the AD5662 as an Isolated, Programmable, 4-20 mA
Process Controller...................................................................... 19
 
Using AD5662 with a Galvanically Isolated Interface........... 20
 
Power Supply Bypassing and Grounding................................ 20
 
Outline Dimensions ....................................................................... 21
 
Ordering Guide .......................................................................... 22
 
Automotive Products................................................................. 22
 
REVISION HISTORY
12/10—Rev. 0 to Rev. A
Changes to Features Section.............................................................1
Changes to Ordering Guide ...........................................................22
Added Automotive Products Section ...........................................22
1/05—Revision 0: Initial Version


Numéro de pièce similaire - AD5662BRM-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5662BRM AD-AD5662BRM Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
More results

Description similaire - AD5662BRM-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5680 AD-AD5680 Datasheet
466Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. 0
AD5680 AD-AD5680_15 Datasheet
460Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. B
AD5062 AD-AD5062 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5060 AD-AD5060 Datasheet
829Kb / 17P
   Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
Rev. PrC
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com