Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7376ARWZ100 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD7376ARWZ100
Description  128-Position Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7376ARWZ100 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD7376ARWZ100 Datasheet HTML 4Page - Analog Devices AD7376ARWZ100 Datasheet HTML 5Page - Analog Devices AD7376ARWZ100 Datasheet HTML 6Page - Analog Devices AD7376ARWZ100 Datasheet HTML 7Page - Analog Devices AD7376ARWZ100 Datasheet HTML 8Page - Analog Devices AD7376ARWZ100 Datasheet HTML 9Page - Analog Devices AD7376ARWZ100 Datasheet HTML 10Page - Analog Devices AD7376ARWZ100 Datasheet HTML 11Page - Analog Devices AD7376ARWZ100 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7376
Rev. D | Page 8 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
A 1
B
2
VSS 3
GND
4
W
14
NC
13
VDD
12
SDO
11
CS
5
RS
6
CLK
7
SHDN
10
SDI
9
NC
8
NC = NO CONNECT
AD7376
TOP VIEW
(Not to Scale)
Figure 4. 14-Lead TSSOP Pin Configuration
A 1
B
2
VSS 3
GND
4
W
16
NC
15
VDD
14
SDO
13
CS
5
SHDN
12
RS
6
SDI
11
CLK
7
NC
10
NC
8
NC
9
NC = NO CONNECT
AD7376
TOP VIEW
(Not to Scale)
Figure 5. 16-Lead SOIC_W Pin Configuration
Table 6.Pin Function Descriptions
Pin No.
14-Lead
TSSOP
16-Lead
SOL
Mnemonic
Description
1
1
A
A Terminal. VSS ≤ VA ≤ VDD.
2
2
B
B Terminal. VSS ≤ VB ≤ VDD.
3
3
VSS
Negative Power Supply.
4
4
GND
Digital Ground.
5
5
CS
Chip Select Input, Active Low. When CS returns high, data is loaded into the wiper register.
6
6
RS
Reset to Midscale.
7
7
CLK
Serial Clock Input. Positive edge triggered.
8
8, 9, 10
NC
No Connect. Let it float or ground.
9
11
SDI
Serial Data Input (data loads MSB first).
10
12
SHDN
Shutdown. A terminal open ended; W and B terminals shorted. Can be used as
programmable preset.1
11
13
SDO
Serial Data Output.
12
14
VDD
Positive Power Supply.
13
15
NC
No Connect. Let it float or ground.
14
16
W
Wiper Terminal. VSS ≤ VW ≤ VDD.
1
Assert shutdown and program the device during power-up. Then, deassert the shutdown to achieve the desirable preset level.


Numéro de pièce similaire - AD7376ARWZ100

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7376AR10 AD-AD7376AR10 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376AR100 AD-AD7376AR100 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376AR1M AD-AD7376AR1M Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376AR50 AD-AD7376AR50 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376ARU10 AD-AD7376ARU10 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
More results

Description similaire - AD7376ARWZ100

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5247BKSZ100-2RL7 AD-AD5247BKSZ100-2RL7 Datasheet
489Kb / 20P
   128-Position I2C-Compatible Digital Potentiometer
Rev. F
AD5247 AD-AD5247 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5121 AD-AD5121 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com